Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 96Page - Renesas Technology Corp 7477 Datasheet HTML 97Page - Renesas Technology Corp 7477 Datasheet HTML 98Page - Renesas Technology Corp 7477 Datasheet HTML 99Page - Renesas Technology Corp 7477 Datasheet HTML 100Page - Renesas Technology Corp 7477 Datasheet HTML 101Page - Renesas Technology Corp 7477 Datasheet HTML 102Page - Renesas Technology Corp 7477 Datasheet HTML 103Page - Renesas Technology Corp 7477 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 361 page
background image
HARDWARE
1-93
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
Fig. 1.13A.2 Serial I/O transmit operation
Fig. 1.13A.3 Serial I/O transmit timing chart
A
A:
Synchronous clock,
internal clock divided by 8 to 512, or
external clock
SOUT pin
SRDY signal
SARDY signal
Write signal to
serial I/O register
Serial I/O interrupt enable bit
Serial I/O interrupt request bit
• Clearing by writing “0” to the Serial I/O interrupt request bit.
• Clearing by accepting the Serial I/O interrupt.
D0
D1
D2
D3
D4
D5
D6
D7
P15/SOUT
D0
D1
D2
D3
D4
D5
D6
D7
b0
1
b6
0
D7
b0
D7
b0
D4
D5
D6
D7
P15/SOUT
D2
b0
D3
Synchronous clock
Serial I/O register
Data bus
Address 00DD16
Write transmit data
Transmit shift register
Synchronous clock
Interrupt request
register 1
(Address 00FC16)
by rising edge
Synchronous clock
Serial I/O register
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com