Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 8Page - Renesas Technology Corp 7477 Datasheet HTML 9Page - Renesas Technology Corp 7477 Datasheet HTML 10Page - Renesas Technology Corp 7477 Datasheet HTML 11Page - Renesas Technology Corp 7477 Datasheet HTML 12Page - Renesas Technology Corp 7477 Datasheet HTML 13Page - Renesas Technology Corp 7477 Datasheet HTML 14Page - Renesas Technology Corp 7477 Datasheet HTML 15Page - Renesas Technology Corp 7477 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.2 Group expansion
1-5
32P4B
32P2W-A
32P4B
32P2W-A
32P4B
32P2W-A
32P4B
32P2W-A
32P4B
32P2W-A
32P4B
32P2W-A
32P4B
32P2W-A
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
M37477M2TXXXSP
M37477M2TXXXFP
M37477M4-XXXSP
M37477M4-XXXFP
M37477M4TXXXSP
M37477M4TXXXFP
M37477M8-XXXSP
M37477M8-XXXFP
M37477M8TXXXSP
M37477M8TXXXFP
M37477E8-XXXSP
M37477E8-XXXFP
M37477E8TXXXSP
M37477E8TXXXFP
M37478M2TXXXSP
M37478M2TXXXFP
M37478M4-XXXSP
M37478M4-XXXFP
M37478M4TXXXSP
M37478M4TXXXFP
M37478M8-XXXSP
M37478M8-XXXFP
M37478M8TXXXSP
M37478M8TXXXFP
M37478E8-XXXSP
M37478E8-XXXFP
M37478E8TXXXSP
M37478E8TXXXFP
Table 1.2.1 List of supported products
(As of July 1996)
Product
M37470M2-XXXSP
M37470M4-XXXSP
M37470E4-XXXSP
M37470M8-XXXSP
M37470E8-XXXSP
M37471M2-XXXSP
M37471M2-XXXFP
M37471M4-XXXSP
M37471M4-XXXFP
M37471E4-XXXSP
M37471E4-XXXFP
M37471M8-XXXSP
M37471M8-XXXFP
M37471E8-XXXSP
M37471E8-XXXFP
M37471E8SS
M37471RSS
M37478E8SS
M37478RSS
Note: Address space usable as a ROM area.
63.5K
(Note)
ROM
(bytes)
4096
8192
16384
8192
4096
16384
4096
8192
16384
4096
8192
16384
16384
RAM
(bytes)
128
192
384
192
128
384
128
192
384
128
192
384
384
384
384
I/O Port
I/O ports: 22
(Including 4 analog
input pins.)
Input ports: 4
I/O ports: 28
(Including 8 analog
input pins.)
Input ports: 8
I/O ports: 18
Input ports: 8
(Including 4 analog
input pins.)
I/O ports: 20
(Including 8 analog
input pins.)
Input ports: 16
I/O ports: 20
Input ports: 16
(Including 8 analog
input pins.)
Package
32P4B
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
42S1B-A
42S1M
63.5K
(Note)
42S1M
42S1B-A
Remarks
Mask ROM version
One Time PROM version
Mask ROM version
One Time PROM version
Mask ROM version
One Time PROM version
Mask ROM version
One Time PROM version
EPROM version
Emulator MCU
Mask ROM version
*
Mask ROM version
Mask ROM version
*
Mask ROM version
Mask ROM version
*
One Time PROM version
One Time PROM version
*
Mask ROM version
*
Mask ROM version
Mask ROM version
*
Mask ROM version
Mask ROM version
*
One Time PROM version
One Time PROM version
*
EPROM version
Emulator MCU
* : Extended operating temperature version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com