Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 78Page - Renesas Technology Corp 7477 Datasheet HTML 79Page - Renesas Technology Corp 7477 Datasheet HTML 80Page - Renesas Technology Corp 7477 Datasheet HTML 81Page - Renesas Technology Corp 7477 Datasheet HTML 82Page - Renesas Technology Corp 7477 Datasheet HTML 83Page - Renesas Technology Corp 7477 Datasheet HTML 84Page - Renesas Technology Corp 7477 Datasheet HTML 85Page - Renesas Technology Corp 7477 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 361 page
background image
1-75
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.12 Timers
Fig. 1.12.6 Example of operation of external pulse width measurement mode
Timer 4 count
source
Pulse width
Pulse width
H(s) = 1
÷ count source frequency ! (the timer initial value - count value at count stop)
External pulse width measurement mode operation example
• n: Timer initial value
• m: Count value at count stop
Timer 4 count stop bit
CNTR0 pin
m16
FF16
H
(n-1)16
H
A
Timer 4 interrupt
enable bit
Timer 4 interrupt
request bit
Count start
A : • Clearing by writing “0” to the CNTR interrupt request bit.
• Clearing by accepting the CNTR interrupt request when the CNTR interrupt enable bit is “1.”
V : When the CNTR edge selection bit is “0,” “H” level width of the input pulse is measured.
CNTR
edge selection bit
Count start
Count stop
Time
CNTR interrupt
enable bit
CNTR interrupt
request bit
Setting the initial value
to timer
Setting the initial value
to timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com