Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 70Page - Renesas Technology Corp 7477 Datasheet HTML 71Page - Renesas Technology Corp 7477 Datasheet HTML 72Page - Renesas Technology Corp 7477 Datasheet HTML 73Page - Renesas Technology Corp 7477 Datasheet HTML 74Page - Renesas Technology Corp 7477 Datasheet HTML 75Page - Renesas Technology Corp 7477 Datasheet HTML 76Page - Renesas Technology Corp 7477 Datasheet HTML 77Page - Renesas Technology Corp 7477 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 361 page
background image
1-67
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.12 Timers
[Setting method]
1 Set a value to be used according to the count source setting for timers. The count operation of
the timer is stopped. Refer to “Table 1.12.2 Setting for count stop.”
Table 1.12.2 Setting for count stop
2 Count source selecting
Select a count source according to the count source setting for timers shown in Table 1.12.3 to
Table 1.12.6.
Note that selectable count sources are different among timers.
Because the 7470/7477 group is not provided with an XCIN pin, do not select f(XCIN) as a count
source.
Table 1.12.3 Setting for timer 1 count source
Note: When f(XCIN) is selected as a timer count source, f(XIN) or f(XCIN) can be selected as a system clock.
Setting item
Timer
Timer 1
Timer 2
Timer 3
Timer 4
Timer 12 mode register
(T12M: Address 00F816)
Timer 34 mode register
(T34M: Address 00F916)
b4
–
1
–
b0
1
–
–
b3
–
–
1
b0
–
1
–
CPU mode register
(CM: Address 00FB16)
b7
0
–
1
–
Timer 12 mode register
(T12M: Address 00F816)
b2
0
1
0
–
Setting item
Count source
to be selected
f(XIN)/16
f(XCIN)
f(XCIN)/16
External clock input from
CNTR0 pin.
(Note)
b1
0
1
Setting item
Count source
to be selected
f(XIN)/16
f(XIN)/64
f(XIN)/128
f(XIN)/256
f(XCIN)/16
f(XCIN)/64
f(XCIN)/128
f(XCIN)/256
Timer 1 overflow signal
CPU mode register
(CM: Address 00FB16)
b7
0
1
–
Timer 12 mode register
(T12M: Address 00F816)
b7
0
0
1
1
0
0
1
1
–
b6
0
1
0
1
0
1
0
1
–
b5
0
1
Table 1.12.4 Setting for timer 2 count source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com