Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 28Page - Renesas Technology Corp 7477 Datasheet HTML 29Page - Renesas Technology Corp 7477 Datasheet HTML 30Page - Renesas Technology Corp 7477 Datasheet HTML 31Page - Renesas Technology Corp 7477 Datasheet HTML 32Page - Renesas Technology Corp 7477 Datasheet HTML 33Page - Renesas Technology Corp 7477 Datasheet HTML 34Page - Renesas Technology Corp 7477 Datasheet HTML 35Page - Renesas Technology Corp 7477 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.7 Central processing unit (CPU)
1-25
Fig. 1.7.2 Register push and pop at interrupt generation and subroutine call
Note : Condition for acceptance of an interrupt • • •
Interrupt disable flag is “0” (enable state)
Interrupt enable bit is “1” (enable state)
On-going routine
• • • • • •
• • • • • •
• • • • • •
M(S)
(PCH)
(S)
(S)–1
M(S)
(PCL)
(S)
(S)–1
(S)
(S)+1
(PCL)
M(S)
(S)
(S)+1
(PCH)
M(S)
(PCH)
M(S)
(S)
(S)+1
(PCL)
M(S)
(S)
(S)+1
(PS)
M(S)
(S)
(S)+1
Interrupt Service
Routine
(S)
(S)–1
M(S)
(PS)
(S)
(S)–1
M(S)
(PCL)
(S)
(S)–1
M(S)
(PCH)
Execute JSR
Execute RTI
•
•
•
Push return
address on
stack
Pop return
address from
stack
Pop contents of
Processor status
register from stack
Pop return
address from stack
Push contents of
Processor status
register on stack
Push return address
on stack
When a subroutine is called
When an interrupt is accepted
Interrupt request (Note)
I Flag is set from
“0” to “1”
Fetch the Jump
Vector
: Operation which is automatically performed by hardware
: Operation instructed by software
Subroutine
Execute RTS
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com