Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 92Page - Renesas Technology Corp 7477 Datasheet HTML 93Page - Renesas Technology Corp 7477 Datasheet HTML 94Page - Renesas Technology Corp 7477 Datasheet HTML 95Page - Renesas Technology Corp 7477 Datasheet HTML 96Page - Renesas Technology Corp 7477 Datasheet HTML 97Page - Renesas Technology Corp 7477 Datasheet HTML 98Page - Renesas Technology Corp 7477 Datasheet HTML 99Page - Renesas Technology Corp 7477 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 361 page
background image
HARDWARE
1-89
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
Serial I/O transmit/
receive method
Clock synchronous
Clock asynchronous
1.13 Serial I/O
The 7470/7471/7477/7478 group can transmit or receive 8-bit data in series by Serial I/O.
The Serial I/O transmit/receive method is shown below.
q In the 7470/7471 group, only the clock synchronous is available.
q In the 7477/7478 group, either clock synchronous or clock asynchronous (UART) can be selected.
There are differences in circuit configuration and applicable registers between them.
This section explains each of them as “1.13A 7470/7471 group part” and “1.13B 7477/7478 group part.”
Table 1.13.1 shows defferences between 7470/7471 group and 7477/7478 group.
Table 1.13.1 7470/7471 group vs. 7477/7478 group serial I/O
V1SRDY and SARDY signal : Signal that indicates a Serial I/O transfer ready state
V2 Byte specification mode : Mode for transmitting or receiving 1-byte data of a specific cycle out of
multiple-byte data to be transmitted or received.
SRDY
signal output
V1
SARDY
signal output
V1
Byte specification mode
V2
7470/7471 group
7477/7478 group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com