| Electronic Components Datasheet Search |
|
7477 Datasheet(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7477 Datasheet(HTML) 45 Page - Renesas Technology Corp |
|
45 / 361 page ![]() HARDWARE 1.10 I/O pins 7470/7471/7477/7478 GROUP USER’S MANUAL 1-38 (3) Pull-up control When input has been selected by the Port direction register, pull-up control can be exerted in bit units shown in Table 1.10.1 by the Port P0 pull-up control register (address 00D016) or the Port P1–P5 pull-up control register* (address 00D116). At this time, control is exerted by turning on and off the pull-up transistor. *: The Port P1–P4 pull-up control register is arranged in the 7470/7477 group. Note: Ports other than P0 cannot be controlled in one-bit units. For example, when P10 is pulled up at P1 (pull-up control in units of 4 bits), P11 to P13 are also pulled up. Figure 1.10.3 shows a structure of Port P0 pull-up control register, and Figure 1.10.4 shows a structure of Port P1–P5 pull-up control register. Fig. 1.10.3 Structure of Port P0 pull-up control register b7 b6 b5 b4 b3 b2 b1 b0 Name Function At reset RW 0 0 Port P0 pull-up control register Port P0 pull-up control register 0 0 0 0 0 0 Port P00 pull-up control bit B 0 1 2 3 4 7 5 6 Port P01 pull-up control bit Port P02 pull-up control bit Port P03 pull-up control bit Port P04 pull-up control bit Port P05 pull-up control bit Port P06 pull-up control bit Port P07 pull-up control bit 0 : No pull-up 1 : Pull-up 0 : No pull-up 1 : Pull-up 0 : No pull-up 1 : Pull-up 0 : No pull-up 1 : Pull-up 0 : No pull-up 1 : Pull-up 0 : No pull-up 1 : Pull-up 0 : No pull-up 1 : Pull-up 0 : No pull-up 1 : Pull-up [Address 00D016] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |