Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 91Page - Renesas Technology Corp 7477 Datasheet HTML 92Page - Renesas Technology Corp 7477 Datasheet HTML 93Page - Renesas Technology Corp 7477 Datasheet HTML 94Page - Renesas Technology Corp 7477 Datasheet HTML 95Page - Renesas Technology Corp 7477 Datasheet HTML 96Page - Renesas Technology Corp 7477 Datasheet HTML 97Page - Renesas Technology Corp 7477 Datasheet HTML 98Page - Renesas Technology Corp 7477 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-88
HARDWARE
1.12 Timers
(7) Edge polarity selection register (EG: Address 00D416)
The Edge polarity selection register consists of bits that control a polarity selection of each of the
INT0, INT1, CNTR0 and CNTR1 pins and an INT1 interrupt or key on wake-up interrupt selection at
stop mode or wait mode.
Figure 1.12.17 shows a structure of Edge polarity selection register.
Fig. 1.12.17 Structure of Edge polarity selection register
b7 b6 b5 b4 b3 b2 b1 b0
Name
Function
1
At reset
0
0
Edge polarity selection register (EG) [Address
Edge polarity selection register
3
0
4
0
0
2
5
INT0 edge selection
bit
INT1 edge selection
bit
CNTR0 edge
selection bit
CNTR1 edge
selection bit
CNTR0/CNTR1
interrupt selection bit
INT1 source selection
bit (at STP or WIT
instruction execution)
0 : P31/INT1
1 : P00 to P07 “L” level input
(for key-on wake-up)
6, 7
0
Nothing is allocated for these bits. These are
write disabled bits and are undefined at reading.
0 : Falling edge
1 : Rising edge
0 : CNTR0
1 : CNTR1
W
R
B
0
?? !
0 : Falling edge
1 : Rising edge
0 : Falling edge
1 : Rising edge
0 : Falling edge
1 : Rising edge
00D416]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com