Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 57Page - Renesas Technology Corp 7477 Datasheet HTML 58Page - Renesas Technology Corp 7477 Datasheet HTML 59Page - Renesas Technology Corp 7477 Datasheet HTML 60Page - Renesas Technology Corp 7477 Datasheet HTML 61Page - Renesas Technology Corp 7477 Datasheet HTML 62Page - Renesas Technology Corp 7477 Datasheet HTML 63Page - Renesas Technology Corp 7477 Datasheet HTML 64Page - Renesas Technology Corp 7477 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 361 page
background image
HARDWARE
1.11 Interrupts
7470/7471/7477/7478 GROUP USER’S MANUAL
1-54
Interrupt request occurs
Main routine
Interrupt processing routine
7 to 23 cycles
(At internal system clock
φ = 4 MHz, 1.75 µs to 5.75 µs)
2 cycles
5 cycles
Waiting time for
pipeline post-
processing
Push onto stack
Vector fetch
Interrupt operation starts
0 to 16 cycles
∗
∗: At the DIV instruction executed.
(3) Timing after acceptance of interrupt
The interrupt processing routine starts with the machine cycle after termination of the instruction
being executed.
Figure 1.11.4 shows a processing time up to the execution of the interrupt processing routine and
Figure 1.11.5 shows a timing after acceptance of the interrupt.
Fig. 1.11.4 Processing time up to the execution of interrupt processing routine
Fig. 1.11.5 Timing after acceptance of interrupt
SYNC
Waiting time for
pipeline
postprocessing
Push onto stack
Vector fetch
Interrupt operation starts
Address bus
Data bus
Not used
PCH
PCL
PS
AL
AH
S, SPS
S-2, SPS
S-1, SPS
PC
BL
BH
AL, AH
: CPU operation code fetch cycle
(This is an internal signal which cannot be observed from the external unit.)
: Vector address of each interrupt
: Jump destination address of each interrupt
: “0016” or “01
(when the stack page bit is “0,” SPS is
R/W
SYNC
BL, BH
AL, AH
SPS
φ
“01
0016,” and when the bit is “1,” SPS is
16
”
16
”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com