Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 58Page - Renesas Technology Corp 7477 Datasheet HTML 59Page - Renesas Technology Corp 7477 Datasheet HTML 60Page - Renesas Technology Corp 7477 Datasheet HTML 61Page - Renesas Technology Corp 7477 Datasheet HTML 62Page - Renesas Technology Corp 7477 Datasheet HTML 63Page - Renesas Technology Corp 7477 Datasheet HTML 64Page - Renesas Technology Corp 7477 Datasheet HTML 65Page - Renesas Technology Corp 7477 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.11 Interrupts
1-55
Address
00FE16
00FE16
00FE16
00FE16
00FE16
00FE16
00FE16
00FE16
00FF16
00FF16
00FF16
Timer 1
Timer 2
Timer 3
Timer 4
Serial I/O (7470/7471 group)
Serial I/O receive (7477/7478 group)
Serial I/O transmit (7477/7478 group)
A-D conversion
INT0
INT1
CNTR0/CNTR1
1.11.3 Interrupt control
Regarding interrupts other than the BRK instruction, the acceptance of them can be controlled by the
interrupt request bit, the interrupt enable bit and the interrupt disable flag. This section describes interrupt
control other than the BRK instruction.
Figure 1.11.6 shows a interrupt control diagram.
Interrupt source
Address
00FC16
00FC16
00FC16
00FC16
00FC16
00FC16
00FC16
00FC16
00FD16
00FD16
00FD16
Bits
b0
b1
b2
b3
b6 (Note 1)
b5 (Note 2)
b6 (Note 2)
b7
b0
b1
b2
Bits
b0
b1
b2
b3
b6 (Note 1)
b5 (Note 2)
b6 (Note 2)
b7
b0
b1
b2
Interrupt request bits
Interrupt enable bits
Notes
1: This bit is not provided in the 7477/7478 group.
2: This bit is not provided in the 7470/7471 group.
Fig. 1.11.6 Interrupt control diagram
The interrupt request bit, the interrupt enable bit and the interrupt disable flag function independently and
do not affect one another. An interrupt is accepted when all the following conditions are satisfied.
q Interrupt request bit ............. “1”
q Interrupt enable bit .............. “1”
q Interrupt disable flag ............“0”
The priority is determined by hardware. However, a variety of priority processing can be executed by
software when the above flag and bits are used.
Table 1.11.2 shows a interrupt control bits for individual interrupt sources.
Table 1.11.2 Interrupt control bits for individual interrupt sources
Interrupt request bit
Interrupt enable bit
Interrupt disable flag
BRK instruction
Reset
Interrupt accepted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com