Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 95Page - Renesas Technology Corp 7477 Datasheet HTML 96Page - Renesas Technology Corp 7477 Datasheet HTML 97Page - Renesas Technology Corp 7477 Datasheet HTML 98Page - Renesas Technology Corp 7477 Datasheet HTML 99Page - Renesas Technology Corp 7477 Datasheet HTML 100Page - Renesas Technology Corp 7477 Datasheet HTML 101Page - Renesas Technology Corp 7477 Datasheet HTML 102Page - Renesas Technology Corp 7477 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 361 page
background image
HARDWARE
1-92
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
2
2
2
2
2 Transmit operation of Serial I/O
The transmit operation of the Serial I/O is described below.
q Start of transmit operation
Transmit operation begins by writing transmit data into the Serial I/O register
V2
in the transmit
enable state.
V1 At the time when this data has been written, “7” is set in the Serial I/O counter
(address 00DE16, bit 4 – 6), so that the synchronous clock is forced to go to “H.”
V 1: State in which the register for transmit operation has been initialized. Refer to “[Transmit
setting method]” which will be described later.
V 2: When the external clock is selected, perform a write operation while the synchronous clock is
at “H.”
q Transmit operation
1The transmit data written in the Serial I/O register is output from the P15/SOUT pin in synchronization
with the fall of the synchronous clock. At this time, the Serial I/O counter is decremented by 1.
2Transmit data is output starting with the least significant bit of the Serial I/O register. Each time
one bit is output, the contents of the Serial I/O register are shifted by 1 in the direction of the
least significant bit.
3After the transmit shift operation is completed, an interrupt request occurs at the rise of the last
cycle of the synchronous clock, so that the Serial I/O interrupt request bit is set
V3 to “1.”
V 3: When the internal clock is selected as a synchronous clock, the shift clock supply to the Serial
I/O register is automatically stopped after 8-bit data is transmitted (the Serial I/O counter
overflows). When the external clock is selected, the contents of the Serial I/O register are
continuously sifted while the synchronous clock is input. Accordingly, stop it externally.
q When using the SRDY output
At the time when transmit data has been written, the level of the SRDY signal changes from “H” to
“L” and the level of the SARDY signal changes from “L” to “H,” by which a receive ready state can
be known externally. The SRDY signal goes to “H” at the first fall of the synchronous clock and the
SARDY
signal goes to “L” at the rise of the last cycle of the synchronous clock.
Figure 1.13A.2 shows a transmit operation and Figure 1.13A.3 shows a transmit timing chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com