Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 98Page - Renesas Technology Corp 7477 Datasheet HTML 99Page - Renesas Technology Corp 7477 Datasheet HTML 100Page - Renesas Technology Corp 7477 Datasheet HTML 101Page - Renesas Technology Corp 7477 Datasheet HTML 102Page - Renesas Technology Corp 7477 Datasheet HTML 103Page - Renesas Technology Corp 7477 Datasheet HTML 104Page - Renesas Technology Corp 7477 Datasheet HTML 105Page - Renesas Technology Corp 7477 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 361 page
background image
HARDWARE
1-95
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
2
2
2
2
2 Receive operation of Serial I/O
The receive operation of the Serial I/O is described below.
q Start of receive operation
Receive operation begins by writing the following data into the Serial I/O register (SIO: address
00DD16)V2 in the receive enable state.V1
• Transmit data in the full-duplex data communication
• Arbitrary dummy data in the half-duplex data communication
At the time when this data has been written, “7” is set in the Serial I/O counter (address 00DE16,
bit 4 – 6), so that the synchronous clock is forced to go to “H.”
V 1: State in which the register for receive operation has been initialized. Refer to “[Receive setting
method]” which will be described later.
V 2: When the external clock is selected, perform a write operation while the synchronous clock is
at “H.”
q Receive operation
1Receive data is input from the P14/SIN pin to the Serial I/O register in synchronization with the
rise of the synchronous clock. At this time, the Serial I/O counter is decremented by 1.
2Receive data is input starting into the most significant bit of the Serial I/O register. Each time one
bit is input, the contents of the Serial I/O register are shifted by 1 in the direction of the least
significant bit.
3After the receive shift operation is completed, an interrupt request occurs at the rise of the last
cycle of the synchronous clock, so that the Serial I/O interrupt request bit is set to “1”.V3
V3: When the internal clock is selected as a synchronous clock, the shift clock supply to the Serial
I/O register is automatically stopped after 8-bit data is transmitted (the Serial I/O counter overflows).
When the external clock is selected, the contents of the Serial I/O register are continuously
sifted while the synchronous clock is input. Accordingly, stop it externally.
q When using the SRDY output
At the time when data has been written into the Serial I/O register, the level of the SRDY signal
changes from “H” to “L” and the level of the SARDY signal changes from “L” to “H,” by which a
receive ready state can be known externally. The SRDY signal goes to “H” at the first fall of the
synchronous clock and the SARDY signal goes to “L” at the rise of the last cycle of the synchronous
clock.
Figure 1.13A.4 shows a receive operation and Figure 1.13A.5 shows a receive timing chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com