Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 86Page - Renesas Technology Corp 7477 Datasheet HTML 87Page - Renesas Technology Corp 7477 Datasheet HTML 88Page - Renesas Technology Corp 7477 Datasheet HTML 89Page - Renesas Technology Corp 7477 Datasheet HTML 90Page - Renesas Technology Corp 7477 Datasheet HTML 91Page - Renesas Technology Corp 7477 Datasheet HTML 92Page - Renesas Technology Corp 7477 Datasheet HTML 93Page - Renesas Technology Corp 7477 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 361 page
background image
1-83
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.12 Timers
Fig. 1.12.11 Structure of Timers 1 to 4
1.12.6 Related registers
(1) Timer 1, Timer 2, Timer 3, Timer 4 (T1 to T4: Address 00F016 to 00F316)
Each Timer is a register consisting of 8 bits.
Read
The contents (count value) of the Timer are read by reading the timer.
Write
When data is written to the Timer, this data is set in the Timer and the Timer latch at the same
time.
When data is written into the Timer being in count operation in the PWM mode, the written data
is set only in the Timer latch.
Refer to “1.12.4 Updating of contents of Timer and Timer latch.”
VTimer latch
The Timer latch is a register that holds a value to be automatically transferred (reloaded) to the
Timer as its initial value when the Timer overflows. It is impossible to read the contents of the
Timer latch.
Figure 1.12.11 shows a structure of Timer.
Note :
b7 b6 b5 b4 b3 b2 b1 b0
Timer 1, Timer 2, Timer 3, Timer 4 (T1, T2, T3, T4)
[Address 00F016, 00F116, 00F216,
B
Function
At reset RW
0
to
7
•Set “0016 to FF16.”
•The value is decremented by 1 each time a
count source is input.
•Each Timer values are set to the respective
counter.
•The count values are read out by reading the
respective timer.
(Note)
Timers 1 to 4
Timers 1 and 2 are undefined.
Timer 3 is “FF16.”
Timer 4 is “0716.”
00F316]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com