Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 79Page - Renesas Technology Corp 7477 Datasheet HTML 80Page - Renesas Technology Corp 7477 Datasheet HTML 81Page - Renesas Technology Corp 7477 Datasheet HTML 82Page - Renesas Technology Corp 7477 Datasheet HTML 83Page - Renesas Technology Corp 7477 Datasheet HTML 84Page - Renesas Technology Corp 7477 Datasheet HTML 85Page - Renesas Technology Corp 7477 Datasheet HTML 86Page - Renesas Technology Corp 7477 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-76
HARDWARE
1.12 Timers
[Setting method]
1 The count operation of Timer 4 is stopped by setting bit 3 of the Timer 34 mode register to “1.”
Refer to “Table 1.12.2 Setting for count stop.”
2 Set each register according to the external pulse width measuring mode setting shown in Table
1.12.12.
3 Set a value in the timer.
Refer to “Table 1.12.7 Address allocation of timer.”
4 Clear bit 3 of the Timer 34 mode register to "0" and start the count of timer 4.
Refer to “Table 1.12.8 Count start setting.”
Table 1.12.12 External pulse width measurement mode setting
Notes 1:
0: The count source is counted while the external pulse is “H.”
1: The count source is counted while the external pulse is “L.”
2:
When the measured pulse is the CNTR1 pin, do not select the CNTR1 as the count source of
Timer 4.
b6
1
b5
b4
b4
0
1
b3
–
Select
(Note 1)
Timer 34 mode register
(T34M: Address 00F816)
Edge polarity selection register
(EG: Address 00D416)
Timer to
be used
Timer 4
Measuring
pulse
CNTR0
CNTR1
b5 b4
0
0 : Timer 3 overflow signal
0
1 : f (XIN)/16 or f (XCIN)/16
10 : Timer 1 or Timer 2 overflow signal
1
1 : CNTR1 pin (Note 2)
b2
Select
(Note 1)
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com