Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 85Page - Renesas Technology Corp 7477 Datasheet HTML 86Page - Renesas Technology Corp 7477 Datasheet HTML 87Page - Renesas Technology Corp 7477 Datasheet HTML 88Page - Renesas Technology Corp 7477 Datasheet HTML 89Page - Renesas Technology Corp 7477 Datasheet HTML 90Page - Renesas Technology Corp 7477 Datasheet HTML 91Page - Renesas Technology Corp 7477 Datasheet HTML 92Page - Renesas Technology Corp 7477 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-82
HARDWARE
1.12 Timers
Fig. 1.12.10 Relation between timer value change timing and read value change timing
(3) To select the CNTR pin input as Timer count source, the frequency of the CNTR count source should
satisfy the condition shown in Table 1.12.14.
1.12.5 Notes on use
(1) The contents of the Timer 12 mode register (T12M: Address 00F816) and the Timer 34 mode register
(T34M: Address 00F916) become “0016” at reset and each timer performs a count operation.
(2) Figure 1.12.10 shows the relation between Timer value change timing and read value change timing.
The Timer value changes at the rise of the count source, while the read value changes at the fall of
the count source. Accordingly, the read value may be larger than the real timer value by “1.”
Main clock
4MHz
8MHz
Upper boundary
1MHz
2MHz
Lower boundary
There is no
special restriction.
Frequency of the CNTR count source
Table 1.12.14 Frequency of CNTR
0116
0016
FF16
9816
9716
0216
0116
0016
FF16
9816
9716
Timer read value
Timer count source
Timer value
Interrupt request bit
Example: Writing “9916” into Timer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com