Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 74Page - Renesas Technology Corp 7477 Datasheet HTML 75Page - Renesas Technology Corp 7477 Datasheet HTML 76Page - Renesas Technology Corp 7477 Datasheet HTML 77Page - Renesas Technology Corp 7477 Datasheet HTML 78Page - Renesas Technology Corp 7477 Datasheet HTML 79Page - Renesas Technology Corp 7477 Datasheet HTML 80Page - Renesas Technology Corp 7477 Datasheet HTML 81Page - Renesas Technology Corp 7477 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 361 page
background image
1-71
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.12 Timers
[Setting method]
1 The count operation of a timer to be used is stopped.
Refer to “Table 1.12.2 Setting for count stop.”
2 Select a count source according to the event counter mode setting shown in Table1.12.9.
3 Set a count value in the timer.
Refer to “Table 1.12.7 Address allocation of timer.”
4 Start a count operation of timer to be used.
Refer to “Table 1.12.8 Count start setting.”
Table. 1.12.9 Event counter mode setting
Note: 0: The falling edge (An input, when it is inverted, becomes a count source).
1: The rising edge (An input itself becomes a count source).
b5
–
1
b4
–
1
Timer
to be
used
Timer 1
Timer 3
Timer 4
Edge polarity selection register
(EG: Address 00D416)
b3
–
Select
(Note)
b2
Select (Note)
–
Timer 12 mode register
(T12M: Address 00F816)
b1
1
–
Timer 34 mode register
(T34M: Address 00F916)
b6
0
b2
1
b1
1
–
Count
source
CNTR0
CNTR1
(3) Pulse output mode
The pulse output mode is a mode resulting from adding a pulse output operation to a timer mode
operation. In this mode, a pulse whose polarity is inverted at each overflow is output from the T0
(Timer 1 overflow signal/2) pin and the T1 (Timer 4 overflow signal/2) pin.
The operations in the pulse output mode are described below.
1 Start of count operation
After the count stop bit is set to “0,” a count operation starts. Each time a count source is input,
the contents of the timer are decremented by 1.
Note: Because the count stop bit is “0” immediately after reset release, the count operation is
automatically started immediately after reset release but no pulse is output.
2 Reload operation
When the timer overflows, the value resulting from decrementing 1 from the contents of the timer
latch is transferred (reloaded) to the timer.
3 Pulse is output
• A pulse whose polarity is inverted at each overflow is output from the T0 pin and the T1 pin.
• “H” or “L” can be selected as a level for a start of pulse output by each division flip-flop.
• A pulse output is started from the moment when the T0 or T1 pin output is selected by the Timer
12 mode register or the Timer 34 mode register.
4 Interrupt operation
2 Timer interrupt
When the timer overflows, an interrupt request occurs, so that the interrupt request bit is set.
The acceptance of interrupt is controlled by the interrupt enable bit of each timer.
5 Stop of count operation
When “1” is set in the counter stop bit by software, the count operation stops. (The count operation
continues until “1” is set in the count stop bit.)
Figure 1.12.5 shows a example of pulse output mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com