Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 80Page - Renesas Technology Corp 7477 Datasheet HTML 81Page - Renesas Technology Corp 7477 Datasheet HTML 82Page - Renesas Technology Corp 7477 Datasheet HTML 83Page - Renesas Technology Corp 7477 Datasheet HTML 84Page - Renesas Technology Corp 7477 Datasheet HTML 85Page - Renesas Technology Corp 7477 Datasheet HTML 86Page - Renesas Technology Corp 7477 Datasheet HTML 87Page - Renesas Technology Corp 7477 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 361 page
background image
1-77
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.12 Timers
(5) PWM mode
In the PWM mode, a PWM waveform is output from the T1 pin by using Timer 3 and Timer 4.
The operations in the PWM mode are described below.
1 Start of count operation
After the count stop bit is cleared to “0,” a count operation starts. Each time a count source is
input, the contents of the timer are decremented by 1.
Note: The count stop bit is “0” immediately after reset release. Accordingly, a count operation is
automatically started immediately after reset release but no PWM waveform is output because
the PWM mode is not provided.
2 Reload operation
When the timer overflows, the value resulting from decrementing 1 from the contents of the timer
latch is transferred (reloaded) to the timer.
3 PWM output
In the PWM mode, the following operations are performed.
1 When the PWM mode is started
• The PWM waveform starts with “L.”
• Timer 3:
Counts the count sources.
• Timer 4:
Stops
2When Timer 3 overflows
• The PWM waveform goes to “H.”
• Timer 3: Stops.
• Timer 4: Counts the count sources.
3 When Timer 4 overflows
• The PWM waveform goes to “L.”
• Timer 3: Counts the count sources.
• Timer 4: Stops.
The “L” width of the PWM waveform is set in Timer 3 and the “H” width is set in Timer 4.
4 Interrupt operation
2Timer interrupt
When the timer overflows, an interrupt request occurs, so that the interrupt request bit is set to
“1.” The acceptance of interrupt is controlled by the interrupt enable bit of each timer.
5 Stop of count operation
When the counter stop bit is set to “1” by software, the count operation stops. (The count operation
continues until the count stop bit is set to “1.”)
Figure 1.12.7 shows an example of the operation of the PWM output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com