Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 68Page - Renesas Technology Corp 7477 Datasheet HTML 69Page - Renesas Technology Corp 7477 Datasheet HTML 70Page - Renesas Technology Corp 7477 Datasheet HTML 71Page - Renesas Technology Corp 7477 Datasheet HTML 72Page - Renesas Technology Corp 7477 Datasheet HTML 73Page - Renesas Technology Corp 7477 Datasheet HTML 74Page - Renesas Technology Corp 7477 Datasheet HTML 75Page - Renesas Technology Corp 7477 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 361 page
background image
1-65
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.12 Timers
1.12.2 Description of modes
(1) Timer mode
The operations of the timer modes are as explained below.
1 Start of count operation
When the count stop bit is cleared to “0,” a count operation starts. When there is a count source
input, the contents of the timer are decremented by 1.
Note: Because the count stop bit is “0” immediately after reset release, the count operation is
automatically started after reset release.
2 Reload operation
When the timer overflows, the value resulting from decrementing 1 from the contents of the timer
latch is transferred (reloaded) to the timer.
3 Interrupt operation
2 Timer interrupt
When the timer overflows, an interrupt request occurs, so that the interrupt request bit is set
to “1.” The acceptance of interrupt is controlled by the interrupt enable bit of each timer.
4 Stop of count operation
When the counter stop bit is set to “1” by software, the count operation stops. (The count operation
continues until the count stop bit is set to “1.”)
Figure 1.12.3 shows an example of timer mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com