Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 102Page - Renesas Technology Corp 7477 Datasheet HTML 103Page - Renesas Technology Corp 7477 Datasheet HTML 104Page - Renesas Technology Corp 7477 Datasheet HTML 105Page - Renesas Technology Corp 7477 Datasheet HTML 106Page - Renesas Technology Corp 7477 Datasheet HTML 107Page - Renesas Technology Corp 7477 Datasheet HTML 108Page - Renesas Technology Corp 7477 Datasheet HTML 109Page - Renesas Technology Corp 7477 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 361 page
background image
HARDWARE
1-99
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
Fig. 1.13A.6 Transmit/receive operation in byte specification mode
Figure 1.13A.6 shows a transmit/receive operation in the byte specification mode.
P15/SOUT
D0
D1
D2
D3
D4
D5
D6
D7
b0
1
b6
0
D7
b0
D7
b0
1
3
P14/SIN
b0
D0
D5
D2
D6
D7
D3
D4
D0
D1
0
FF16
2
Byte counter
Synchronous
clock
When transmit
When receive
Synchronous
clock
Serial I/O register
Serial I/O register
Synchronous clock
Synchronous clock
8 cycles
Interrupt request
register 1
(Address 00FC16)
by rising edge
Byte counter
n16
(n-1)16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com