Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 103Page - Renesas Technology Corp 7477 Datasheet HTML 104Page - Renesas Technology Corp 7477 Datasheet HTML 105Page - Renesas Technology Corp 7477 Datasheet HTML 106Page - Renesas Technology Corp 7477 Datasheet HTML 107Page - Renesas Technology Corp 7477 Datasheet HTML 108Page - Renesas Technology Corp 7477 Datasheet HTML 109Page - Renesas Technology Corp 7477 Datasheet HTML 110Page - Renesas Technology Corp 7477 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 361 page
background image
HARDWARE
1-100
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
[Byte specification mode setting]
For a Serial I/O transfer in the byte specification mode, refer to the setting method in the ordinary
mode in “1.13A.1 Operation description,” and also take the following into consideration.
q Select the byte specification mode. (Set bit 6 of the Serial I/O register to “1.”)
q Be sure to select the external clock as the synchronous clock. (Clear bit 2 of the Serial I/O mode
register to “0.”)
[1] When data is received, the ordinary port can be selected by the Serial I/O port selection bit
(bit 3 of the Serial I/O mode register). P16 pin is used as a external clock input pin CLK. Only
P15 is available as an ordinary port.
[2] Write data into the Serial I/O register when the synchronous clock is at “H.” However, if the
Byte counter value is a value other than “0,” writing data is enabled even if the synchronous
clock is at “L.”
q When performing a Serial I/O transmit/receive at the n–th byte, write (n – 1) in the Byte counter.
Note: Because the Byte counter is not provided with a reload function, re-set a value to transmit or
receive data continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com