Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 107Page - Renesas Technology Corp 7477 Datasheet HTML 108Page - Renesas Technology Corp 7477 Datasheet HTML 109Page - Renesas Technology Corp 7477 Datasheet HTML 110Page - Renesas Technology Corp 7477 Datasheet HTML 111Page - Renesas Technology Corp 7477 Datasheet HTML 112Page - Renesas Technology Corp 7477 Datasheet HTML 113Page - Renesas Technology Corp 7477 Datasheet HTML 114Page - Renesas Technology Corp 7477 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 361 page
background image
HARDWARE
1-104
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
(3) Serial I/O mode register (SM: Address 00DC16)
The Serial I/O mode register selects a state of the clock or port to be used for a data transfer.
Figure 1.13A.9 shows a structure of the Serial I/O mode register.
Fig. 1.13A.9 Structure of Serial I/O mode register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O mode register (SM) [Address
B
At reset
RW
Serial I/O mode register (7470/7471 group)
0, 1
2
3
4
5
6
7
0
0
0
0
0
0
0
Name
Function
0 0 : f(XIN)/8 or f(XCIN)/8
b1 b0
Internal clock
selection bits
Synchronous clock
selection bit
Serial I/O port
selection bit
SRDY signal output
selection bit
SRDY signal
selection bit
Serial I/O byte specify
mode selection bit
P15/SOUT, SRDY output
structure selection bit
0 1 : f(XIN)/16 or f(XCIN)/16
1 0 : f(XIN)/32 or f(XCIN)/32
1 1 : f(XIN)/512 or f(XCIN)/512
(Note)
0 : External clock
1 : Internal clock
0 : Ordinary I/O port
(P15, P16)
1 : Serial I/O port (SOUT, CLK pin)
0 : Ordinary I/O port(P1 7)
1 : SRDY signal output pin
0 : SRDY signal
1 : SARDY signal
0 : Ordinary mode
1 : Byte specify mode
0 : CMOS output
1 : N-channel open-drain
output
Since the 7470 group is not provided with the sub-clock
generating circuit, do not select f(X
Note:
00DC16]
CIN
).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com