| Electronic Components Datasheet Search |
|
7477 Datasheet(PDF) 112 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7477 Datasheet(HTML) 112 Page - Renesas Technology Corp |
|
112 / 361 page ![]() HARDWARE 1-105 7470/7471/7477/7478 GROUP USER’S MANUAL 1.13 Serial I/O 1.13B 7477/7478 group part 1.13B.1 Operation description The 7477/7478 group incorporates a Serial I/O that permits selecting one of the clock synchronous and the clock asynchronous. This section describes the operation in each of the clock synchronous serial I/ O and the clock asynchronous Serial I/O (UART). (1) Clock synchronous Serial I/O In the clock synchronous Serial I/O, the 8 shift clocks obtained by the clock control circuit are used as synchronous clocks for transmitting or receiving. The transmit operation of the transmit side and the receive operation of the receive side are simultaneously executed in synchronization with these shift clocks. q The transmit side transmits data bit by bit from the P15/TxD pin in synchronization with the fall of each shift clock. q The receive side receives data bit by bit from the P14/RxD pin in synchronization with the rise of each shift clock. Figure 1.13B.1 shows a clock synchronous Serial I/O block diagram. Fig. 1.13B.1 Clock synchronous Serial I/O block diagram F/F 1/4 1/4 1/4 P16 P14 P15 P17 TXD SRDY SCLK RXD XIN Data bus Receive enable bit (RE) Serial I/O enable bit (SIOE) Address 00E016 Receive buffer register Receive shift register Shift clock Serial I/O control register Address 00E216 Receive buffer full flag (RBF) Receive interrupt request (RI) Clock control circuit Serial I/O synchronous clock selection bit (SCS) Clock control circuit Transmit shift completion flag (TSC) Transmit interrupt request (TI) Transmit buffer empty flag (TBE) Serial I/O status register Address 00E116 Data bus Address 00E016 Address 00E416 Transmit buffer register Transmit shift register Shift clock Transmit interrupt source selection bit (TIC) Dividing ratio 1/(n+1) Baud rate generator SRDY output enable bit (SRDY) BRG count source selection bit (CSS) Transmit enable bit (TE) Falling detected V: The 7477 group is not provided with the X pin. XCIN V CIN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |