Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 109Page - Renesas Technology Corp 7477 Datasheet HTML 110Page - Renesas Technology Corp 7477 Datasheet HTML 111Page - Renesas Technology Corp 7477 Datasheet HTML 112Page - Renesas Technology Corp 7477 Datasheet HTML 113Page - Renesas Technology Corp 7477 Datasheet HTML 114Page - Renesas Technology Corp 7477 Datasheet HTML 115Page - Renesas Technology Corp 7477 Datasheet HTML 116Page - Renesas Technology Corp 7477 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 361 page
background image
HARDWARE
1-106
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
2
2
2
2
2 Communication format
The half-duplex data communication or the full-duplex data communication are available for
communication.
2
2
2
2
2 Synchronous clock
The following can be selected as a synchronous clock by bit 1 of the Serial I/O control register
(SIOCON: address 00E216).
q “0” : Baud rate generator (BRG) output divided by 4
q “1” : External clock input from the SCLK pin
The BRG output is set by the baud rate generator (BRG: address 00E416), which is an 8-bit
counter dedicated to the Serial I/O. As an input clock to the BRG, f(XIN)/4 or f(XCIN)/4 (at “0”),
f(XIN)/16 or f(XCIN)/16 (at “1”) can be selected by bit 0 of the Serial I/O control register.
Notes on external clock selection
q When setting the transmit enable bit to “1” or writing data into the Transmit buffer register,
perform a write operation while the synchronous clock is at “H.”
q The shift operation of the Transmit shift register or the Receive shift register is continued while
the synchronous clock is input to the Serial I/O circuit. When the external clock is selected, stop
the synchronous clock at the end of 8 cycles. (When the internal clock is selected, the synchronous
clock stops automatically at the end of 8 cycles.)
q Set the “H” and “L” widths (TWH, TWL) of the pulse used as the external clock source to TWH,
TWL [s] > 8/(system clock [Hz]). For example, when a system clock is 8 MHz, use a clock of
500 kHz or less (duty ratio 50 %).
2
2
2
2
2 Shift clock
Usually, when a clock synchronous transfer is performed between 2 microcomputers, one microcomputer
selects the internal clock and outputs the 8 shift clock pulses generated by a start of transmit
operation from the P16/SCLK pin. The other microcomputer selects the external clock and uses the
clock input from the P16/SCLK pin as a synchronous clock.
2
2
2
2
2 Data transfer rate (baud rate)
In the clock synchronous Serial I/O, the expression for calculating a data transfer rate (baud rate),
which is the frequency of the synchronous clock is shown below.
q When the internal clock is selected (using the BRG)
Baud rate [bps] =
V1 Division ratio : Select “4” or “16” by the BRG count source selection bit.
V2 BRG set value : 0 – 255 (0016 – FF16)
q When the external clock is selected
Baud rate [bps] = Input clock frequency to SCLK pin
The BRG is an 8-bit counter dedicated to the Serial I/O, having a reload register, and divides the
count source by (n + 1) by setting the value n. As a count source, f(XIN)/4 or f(XCIN)/4 (at “0”), f(XIN)/
16 or f(XCIN)/16 (at “1”) can be selected by bit 0 of the Serial I/O control register.
f(XIN)
Division ratio
V1 ! (BRG set valueV
2
+ 1) ! 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com