Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 112Page - Renesas Technology Corp 7477 Datasheet HTML 113Page - Renesas Technology Corp 7477 Datasheet HTML 114Page - Renesas Technology Corp 7477 Datasheet HTML 115Page - Renesas Technology Corp 7477 Datasheet HTML 116Page - Renesas Technology Corp 7477 Datasheet HTML 117Page - Renesas Technology Corp 7477 Datasheet HTML 118Page - Renesas Technology Corp 7477 Datasheet HTML 119Page - Renesas Technology Corp 7477 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 361 page
background image
HARDWARE
1-109
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
Fig. 1.13B.3 Transmit timing chart of clock synchronous Serial I/O
D0
D1
D2
D3
D4
D5
D6
D7
TXD pin
SRDY pin
Synchronous clock,
BRG divided by 4, or
external clock
Write signal to
transmit buffer register
: • Clearing by writing “0” to the transmit interrupt request bit.
• Clearing by accepting the transmit interrupt.
Transmit buffer empty flag
Transmit shift completion flag
Transmit interrupt enable bit
Transmit interrupt request bit
: When interrupt request generation is selected, when the Transmit buffer register
becomes empty by clearing the transmit interrupt source selection bit to “0”.
: When interrupt request generation is selected, when the shift operation of the
transmit shift register is completed by setting the transmit interrupt source selection bit to “1”.
A1
A2
B1
B2
B1
A1
B2
A2
B2
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com