Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 116Page - Renesas Technology Corp 7477 Datasheet HTML 117Page - Renesas Technology Corp 7477 Datasheet HTML 118Page - Renesas Technology Corp 7477 Datasheet HTML 119Page - Renesas Technology Corp 7477 Datasheet HTML 120Page - Renesas Technology Corp 7477 Datasheet HTML 121Page - Renesas Technology Corp 7477 Datasheet HTML 122Page - Renesas Technology Corp 7477 Datasheet HTML 123Page - Renesas Technology Corp 7477 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 361 page
background image
HARDWARE
1-113
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
[Clock synchronous Serial I/O receive setting method]
1Clear the Serial I/O receive interrupt enable bit (bit 5 of interrupt control register 1) to “0.”
2When selecting the internal clock, set the BRG value.
3Set the Serial I/O control register according to Table 1.13B.2.
4When using a Serial I/O receive interrupt
[1] Clear the Serial I/O receive interrupt request bit (bit 5 of interrupt request register 1) to “0.”
Note: When the ordinary port is switched over to the Serial I/O port, the Serial I/O receive
interrupt request bit may be set. Clear the Serial I/O receive interrupt request bit to “0”
after one instruction or more after switching the ordinary port over to the Serial I/O port.
[2] Set the Serial I/O receive interrupt enable bit to “1.”
5Set the following data into the Transmit buffer register (TB).
• Transmit data in the full-duplex data communication
• Arbitrary dummy data in the half-duplex data communication
Note: When the external clock is selected, perform a write operation while the synchronous
clock is at “H.”
Table 1.13B.2 Clock synchronous Serial I/O receive setting
Item
Serial I/O control register
(SIOCON: Address 00E216)
Bit
Setting value
Register to be used
BRG count source selection
Synchronous clock selection
SRDY
signal output selection
Transmit enable selection
Receive enable selection
Clock synchronous selection
Serial I/O enable selection
f(XIN)/4 or f(XCIN)/4
f(XIN)/16 or f(XCIN)/16
BRG output divided by 4
External clock input
Ordinary port
SRDY
signal output (Note 1)
Disable (half-duplex data communication)
Enable (full-duplex data communication)
Receive enable
Clock synchronous
P14 to P17 function as Serial I/O pins
Notes 1: When the receive side performs an SRDY output by using an external clock, set the
receive enable bit, the SRDY output enable bit, and the transmit enable bit to “1”
(transmit enable).
2: When the external clock is selected, write “1” in bit 4 (transmit enable bit) while the
synchronous clock is at “H.”
b0
b1
b2
b4
b5
b6
b7
0
1
0
1
0
1
0
1(Note 2)
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com