Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 118Page - Renesas Technology Corp 7477 Datasheet HTML 119Page - Renesas Technology Corp 7477 Datasheet HTML 120Page - Renesas Technology Corp 7477 Datasheet HTML 121Page - Renesas Technology Corp 7477 Datasheet HTML 122Page - Renesas Technology Corp 7477 Datasheet HTML 123Page - Renesas Technology Corp 7477 Datasheet HTML 124Page - Renesas Technology Corp 7477 Datasheet HTML 125Page - Renesas Technology Corp 7477 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 361 page
background image
HARDWARE
1-115
7470/7471/7477/7478 GROUP USER’S MANUAL
1.13 Serial I/O
2 Synchronous clock
The following can be selected as a synchronous clock by bit 1 of the Serial I/O control register
(SIOCON: address 00E216).
q “0” : Baud rate generator (BRG) output divided by 16
q “1” : External clock input from the SCLK pin divided by 16
The BRG output is set by the baud rate generator (BRG: address 00E416), which is an 8-bit
counter dedicated to the Serial I/O. As an input clock to the BRG, f(XIN)/4 or f(XCIN)/4 (at “0”),
f(XIN)/16 or f(XCIN)/16 (at “1”) can be selected by bit 0 of the Serial I/O control register.
Precaution on internal clock selection
In the UART, when the internal clock is selected as a synchronous clock, the P16/SCLK pin can
be used as port P16.
Notes on external clock selection
q Set the “H” and “L” widths (TWH, TWL) of the pulse used as the external clock source to TWH,
TWL [s] > 2/(f(XIN) [Hz]). For example, when f(XIN) = 8 MHz, use a clock of 2 MHz or less (duty
ratio 50 %).
2 Data transfer speed (Baud rate)
In the UART, the expression for calculating a data transfer speed (baud rate), which is the frequency
of the synchronous clock is shown below.
q When the internal clock is selected (using the BRG)
Baud rate [bps] =
V1 Division ratio : Select “4” or “16” by the BRG count source selection bit.
V2 BRG set value : 0 – 255 (0016 – FF16)
q When the external clock is selected
Baud rate [bps] =
Input clock oscillation frequency to SCLK pin
16
f(XIN) or f(XCIN)
Division ratio
V1 ! (BRG set valueV2 + 1) ! 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com