Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 120Page - Renesas Technology Corp 7477 Datasheet HTML 121Page - Renesas Technology Corp 7477 Datasheet HTML 122Page - Renesas Technology Corp 7477 Datasheet HTML 123Page - Renesas Technology Corp 7477 Datasheet HTML 124Page - Renesas Technology Corp 7477 Datasheet HTML 125Page - Renesas Technology Corp 7477 Datasheet HTML 126Page - Renesas Technology Corp 7477 Datasheet HTML 127Page - Renesas Technology Corp 7477 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 361 page
background image
1-117
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.13 Serial I/O
2
2
2
2
2 Transmit/receive data format
A transmit/receive data format can be selected by the bits of the UART control register (UARTCON).
• Start bit (ST)
: 1-bit
• Data bit (DATA) : 7-bit or 8-bit
• Parity bit (PA)
: Non or 1-bit
• Stop bit (SP)
: 1-bit or 2-bit
Figure 1.13B.7 shows a transmit/receive data format, Table 1.13B.4 shows a function of each bit of
transmit data, and Figure 1.13B.8 shows all data formats.
Fig. 1.13B.7 UART data format
Table 1.13B.4 Each bit function of UART transmit data
Name
Start bit ST
Data bit
DATA
Parity bit
PA
Stop bit SP
Function
The “L” signal for 1 bit is added by the bit indicating a start of data transmission
immediately before the transmit data.
This bit indicates the transmit data written in the UART transmit buffer register.
The “0” data is an “L” signal and the “1” data is an “H” signal.
This bit is added immediately after the data bit for improvement of data reliability.
The contents of this bit change according to the contents of the parity selection bit
so that the number of “1”s in the transmit data including the parity bit may always be
even or odd.
This bit indicates that data has been transmitted, and is added immediately after the
data bit (immediately after the parity bit when the parity is valid). The “H” signal for
1 bit or 2 bits is output.
D0
D1
D6
D7
PA
q For 1ST-8DATA-1PA-2SP
ST
ST
SP
SP
D0
D1
LSB
MSB
Transmit data
Data bit (8 bits)
Next transmit data
(at continuous output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com