Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 124Page - Renesas Technology Corp 7477 Datasheet HTML 125Page - Renesas Technology Corp 7477 Datasheet HTML 126Page - Renesas Technology Corp 7477 Datasheet HTML 127Page - Renesas Technology Corp 7477 Datasheet HTML 128Page - Renesas Technology Corp 7477 Datasheet HTML 129Page - Renesas Technology Corp 7477 Datasheet HTML 130Page - Renesas Technology Corp 7477 Datasheet HTML 131Page - Renesas Technology Corp 7477 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 361 page
background image
1-121
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.13 Serial I/O
Fig. 1.13B.10 Transmit timing chart of UART
A1
D0
D1
D2
ST
D6
SP
D7
TXD pin
Synchronous clock,
BRG output divided by 16, or
external clock divided by 16
Write signal to
Transmit buffer register
: • Clearing by writing “0” to the transmit interrupt request bit.
• Clearing by accepting the transmit interrupt.
Transmit buffer empty flag
Transmit shift completion flag
Transmit interrupt enable bit
Transmit interrupt request bit
: When interrupt request generation is selected, when the Transmit buffer register
becomes empty by clearing the transmit interrupt source selection bit to “0”.
: When interrupt request generation is selected, when the shift operation of the
Transmit shift register is completed by setting the transmit interrupt source selection bit to “1”.
Serial I/O not used
A2
B1
B2
B1
A1
B2
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com