Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 123Page - Renesas Technology Corp 7477 Datasheet HTML 124Page - Renesas Technology Corp 7477 Datasheet HTML 125Page - Renesas Technology Corp 7477 Datasheet HTML 126Page - Renesas Technology Corp 7477 Datasheet HTML 127Page - Renesas Technology Corp 7477 Datasheet HTML 128Page - Renesas Technology Corp 7477 Datasheet HTML 129Page - Renesas Technology Corp 7477 Datasheet HTML 130Page - Renesas Technology Corp 7477 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-120
HARDWARE
1.13 Serial I/O
q Transmit interrupt operation (valid when the Serial I/O is selected)
Regarding a transmit interrupt, interrupt request generating timing can be selected by bit 3 of the
Serial I/O control register (SIOCON).
0: When the Transmit buffer register becomes empty after the data written in the Transmit buffer
register is transferred to the Transmit shift register, an interrupt request is generated.
1: When the shift operation of the Transmit shift register is completed, an interrupt request is
generated.
* In case of the UART, an interrupt operation is performed in the same way as when the synchronous
clock is selected.
Figure 1.13B.9 shows a transmit operation of UART and Figure 1.13B.10 shows a transmit timing
of UART.
Fig. 1.13B.9 Transmit operation of UART
D0
P15/TxD
D1
D2
D3
D4
D5
D6
D7
b0
1
b0
0
b0
0
1
0
b2
1
1
2
3
4
6
1
b6
0
ST
SP
P15/TxD
1
b2
0
P15/TxD
D0
D2
D3
D4
D5
D6
D7
b0
D1
1
b6
0
Data bus
Address 00E016
Write transmit data
Transmit buffer register
Serial I/O status register
(Address 00E116)
Transmit buffer register
Transmit shift register
Transfer transmit data
Serial I/O status register
(Address 00E116)
When “0” is selected by the bit 3
of the Serial I/O control register
Interrupt request register 1
(Address 00FC16)
Synchronous clock
Transmit shift register
Serial I/O status register
(Address 00E116)
Synchronous clock
Synchronous clock
Serial I/O status register
(Address 00E116)
When “1” is selected by the bit 3
of the Serial I/O control register
Interrupt request
register 1
(Address 00FC16)
Transmit shift register
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com