Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 140Page - Renesas Technology Corp 7477 Datasheet HTML 141Page - Renesas Technology Corp 7477 Datasheet HTML 142Page - Renesas Technology Corp 7477 Datasheet HTML 143Page - Renesas Technology Corp 7477 Datasheet HTML 144Page - Renesas Technology Corp 7477 Datasheet HTML 145Page - Renesas Technology Corp 7477 Datasheet HTML 146Page - Renesas Technology Corp 7477 Datasheet HTML 147Page - Renesas Technology Corp 7477 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 361 page
background image
1-137
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.13 Serial I/O
2 Receive enable bit (bit 5)
This bit controls the receive operation.
q When the serial I/O enable bit (bit 7) is “1” (serial I/O enable), the control shown in Table
1.13B.10 is exerted.
q When the serial I/O enable bit (bit 7) is “0” (serial I/O disable), this bit is invalid.
Table 1.13B.10 Receive enable bit function
∗1: Bit 1 of Serial I/O status register
∗2: Bit 3,4,5 and 6 of Serial I/O status register
2 Serial I/O mode selection bit (bit 6)
This bit selects the clock synchronous serial I/O or the UART.
• “0”: UART
• “1”: Clock synchronous serial I/O
2 Serial I/O enable bit (bit 7)
This bit selects whether each of the P14/RxD, P15/TxD, P16/SCLK and P17/SRDY pins is used as
a port or a serial I/O pin.
When using the serial I/O, set this bit to “1.”
• “0”: The respective pins become P14 to P17.
• “1”: The respective pins become serial I/O pins, RXD, TxD, SCLK, SRDY.
Note: In the UART, when the internal clock is selected, the P16/SCLK pin can be used as port P16.
However, for the P17/SRDY pin, take the following points into consideration.
2 In the clock asynchronous serial I/O
When using the P17/SRDY pin as serial I/O pin SRDY, set the SRDY output enable bit (bit 2) to “1.”
2 In the UART
The P17/SRDY pin is used as P17 regardless of the value of the serial I/O enable bit.
Receive enable bit
0
1
Receive buffer full flag∗1
Cleared to “0”
Flag function is valid.
Each error flag∗2
Cleared to “0”
Flag function is valid.
P14/RXD pin function
Port P14
Serial I/O data transmit pin RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com