Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 216Page - Renesas Technology Corp 7477 Datasheet HTML 217Page - Renesas Technology Corp 7477 Datasheet HTML 218Page - Renesas Technology Corp 7477 Datasheet HTML 219Page - Renesas Technology Corp 7477 Datasheet HTML 220Page - Renesas Technology Corp 7477 Datasheet HTML 221Page - Renesas Technology Corp 7477 Datasheet HTML 222Page - Renesas Technology Corp 7477 Datasheet HTML 223Page - Renesas Technology Corp 7477 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.21 Electrical characteristics
1-213
1.21.5 A-D conversion standard characteristic
(1) Relative precision (7470/7471 group)
Figure 1.21.17 to Figure 1.21.18 show the A-D conversion standard characteristics on the relative
precision of the 7470/7471 group.
In the graph, the lower line indicates a deviation from the ideal value at the point where the output
code changes, namely, relative precision error (ERROR). For example, in Figure 1.21.17, the change
of “3F16 to 4016” of the output code occurs ideally at the point of IN0 = 757.32 mV. However, since
the relative precision error is -3.567 mV, “757.32 - 3.567 = 753.753 mV” represents a measuring
change point.
In the graph, the upper line indicates an input voltage width (1 LSB WIDTH) in which the output code
is the same. For example, in Figure 1.21.17, since the measured value of input voltage width, when
the output code is “3F16”, is 10.701 mV, the differential nonlinear error on the relative precision
Fig. 1.21.17 A-D conversion standard characteristics, relative precision error (1)
represents “10.701 -11.89 = -1.189 mV (-0.1 LSB)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com