Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 273Page - Renesas Technology Corp 7477 Datasheet HTML 274Page - Renesas Technology Corp 7477 Datasheet HTML 275Page - Renesas Technology Corp 7477 Datasheet HTML 276Page - Renesas Technology Corp 7477 Datasheet HTML 277Page - Renesas Technology Corp 7477 Datasheet HTML 278Page - Renesas Technology Corp 7477 Datasheet HTML 279Page - Renesas Technology Corp 7477 Datasheet HTML 280Page - Renesas Technology Corp 7477 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 361 page
background image
2-51
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.9 Countermeasures against noise
7470
7471
7477
7478
2.9.2 Connection of a bypass capacitor across the Vss line and
the Vcc line
Connect an approximately 0.1
µF bypass capacitor across
the VSS line and the VCC line as follows:
q Connect a bypass capacitor across the VSS pin and
the VCC pin at equal length.
q Connect a bypass capacitor across the VSS pin and
the VCC pin with the shortest possible wiring.
q Use lines with a larger diameter than other signal lines
for VSS line and VCC line.
2.9.3 Wiring to analog input pins
q Connect an approximately 100
Ω to 1 kΩ resistor to an
analog signal line which is connected to an analog
input pin in series. Besides, connect the resistor to the
microcomputer as close as possible.
q Connect an approximately 1000 pF capacitor across
the VSS pin and the analog input pin. Besides, connect
the capacitor to the VSS pin as close as possible. Also,
connect the capacitor across the analog input pin and
the VSS pin at equal length.
Reason
Signals which is input in an analog input pin (such as an
A-D converter input pin) are usually output signals from
sensor. The sensor which detects a change of event is
installed far from the printed circuit board with a
microcomputer, the wiring to an analog input pin is longer
necessarily.
This long wiring functions as an antenna which feeds
noise into the microcomputer, which causes noise to an
analog input pin.
If a capacitor between an analog input pin and the VSS
pin is grounded at a position far away from the VSS pin,
noise on the GND line may enter a microcomputer through
the capacitor.
Fig. 2.9.5 Analog signal line and a resistor
and a capacitor
Fig. 2.9.4 Bypass capacitor across the VSS
line and the VCC line
VSS
VCC
VSS
VCC
Chip
Chip
VSS
VCC
Thermistor
(Note)
Microcomputer
Analog
input pin
Note : The resistor is for dividing resistance
with a thermister.
VSS
Noise
N.G.
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com