Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 35 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 35 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 39Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
35
www.emmicroelectronic.com
4.4.3
ERASE
Erase is a mandatory step before write. The NVM erase state is high, write state low.
Only Row erase or sector erase are allowed, below table summaries the available API routines
sub-routines
Description
Duration
erase_sector_apl
Erase the selected sector [4:0].
Erase sector 5 is denied.
2 ms
erase_sector_slow_apl
Erase the selected sector [4:0] in slow mode.
Erase sector 5 is denied.
3 ms
erase_row_apl
Erase the selected row [63:0] in the selected
sector [5:0].
Erase row 63 & 62 in sector 5 is denied.
2 ms
erase_row_slow_apl
Erase the selected row [63:0] in the selected
sector [5:0] in slow mode.
Erase row 63 & 62 in sector 5 is denied.
3 ms
Accessing above routines will use the sector and row pointers as defined in RegCacheCfg2,1
4.4.4
WRITE
Before writing a specific row, the RAM cache needs to get the new data, the sector and row pointers need to be set
according to the desired NVM location, and once everything setup, the CPU may call one of the below listed API
subroutines to write the NVM row. Write access is row by row only.
Write_row_x API routines include also the erase row. It is therefore not necessary to erase the row before.
Write_only_x routines do not include the erase. These routines may only be used if the addressed row was erased
earlier.
sub-routines
Description
Duration
write_row_apl
Erase and write the selected row [63:0] in the
selected sector [5:0].
Access row 63 & 62 in sector 5 is denied.
3 ms
write_row_slow_apl
Erase and write the selected row [63:0] in the
selected sector [5:0] in slow mode.
Access row 63 & 62 in sector 5 is denied.
4.5 ms
write_only_apl
Only write the selected row [63:0] in the selected
sector [5:0].
Write row 63 & 62 in sector 5 is denied.
1 ms
write_only_slow_apl
Only write the selected row [63:0] in the selected
sector [5:0] in slow mode.
Write row 63 & 62 in sector 5 is denied.
1.5 ms
Note:
It is not allowed to re-write more a given row without prior erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com