Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
8
www.emmicroelectronic.com
21.3
ADC ACQUISITION SEQUENCE
111
21.4
ADC REGISTERS
111
22. TEMPERATURE SENSOR
112
22.1
TEMPERATURE SENSOR ENABLING
112
22.2
TEMPERATURE SENSOR REGISTERS
112
23. DC/DC CONVERTER
113
23.1
DC/DC ENABLING
113
23.2
DC/DC VOLTAGE SELECTION
113
23.3
DC/DC LOW NOISE MODE
113
23.4
DC-DC REGISTER
114
24. BAND GAP
115
24.1
BAND GAP REGISTER
115
25. VLD
116
25.1
VLD SOURCE AND LEVEL SELECTION
116
25.2
VLD ENABLE
116
25.3
VLD RESULT
116
25.4
VLD INTERRUPT
117
25.5
VLD TRIMMING
117
25.6
VLD REGISTERS
117
26. RC OSCILLATOR
118
26.1
RC OSCILLATORS REGISTERS
118
27. XTAL OSCILLATOR 32KHZ
119
28. RESONATOR 4MHZ
120
29. 8KHZ OSCILLATOR
121
30. ANALOG OPAMP
122
30.1
SELECT OPAMP/COMPARATOR
122
30.2
SUPPLY SELECTION
122
30.3
COMPARATOR RESULT
123
30.4
OPAMP REGISTERS
123
31. BLOCKS CONSUMPTION
124
32. TYPICAL T AND V DEPENDENCIES
125
32.1
IDD CURRENTS
125
32.1.1
General conditions
125
32.2
IOL AND IOH DRIVES
132
32.3
PULL-UP AND PULL-DOWN
135
32.4
RC OSCILLATOR 15MHZ AND 2MHZ
137
33. ELECTRICAL SPECIFICATION
138
33.1
ABSOLUTE MAXIMUM RATINGS
138
33.2
HANDLING PROCEDURES
138
33.3
STANDARD OPERATING CONDITIONS
138
33.4
TYPICAL 32KHZ CRYSTAL SPECIFICATION
138
33.5
TYPICAL 4MHZ CRYSTAL SPECIFICATION
138
33.6
TYPICAL 4MHZ RESONATOR SPECIFICATION
139
33.7
DC CHARACTERISTICS - POWER SUPPLY CURRENTS
139
33.8
DC CHARACTERISTICS – VOLTAGE DETECTION LEVELS
141
33.9
DC CHARACTERISTICS – REFERENCE VOLTAGE
141
33.10 DC CHARACTERISTICS – DC-DC CONVERTER
141
33.11 DC CHARACTERISTICS – OSCILLATORS
142
33.12 DC CHARACTERISTICS – VHIGH
143
33.13 DC CHARACTERISTICS – OPAMP
143
33.14 DC CHARACTERISTICS – ADC
143
33.15 DC CHARACTERISTICS – TEMPERATURE SENSOR
144
33.16 DC CHARACTERISTICS - I/O PINS
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com