Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 16Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
12
www.emmicroelectronic.com
2.
SYSTEM OVERVIEW
The circuit’s function blocks can be splitted in 5 different categories:
Power management and security functions
Memories and CPU Core
Clock selection, clock switching and system peripherals
Digital and Analog internal peripherals
Communication interfaces via the IO pads
Figure 1, EM6819 overview
Power Supply
0.9 – 3.6V
DC-DC Up-Converter
2.1V, 2.5V, 2.9V, 3.3V
Voltage Regulator
Power On
Reset
BrownOut
&
Power Check
Voltage Level
Detector
32 – levels
VSUP, PA, PC
GPNVM (FLASH)
16.9 kByte
Data
Instruction
Memory
Memory
Max 12 kB
Max 6 kInstr
Reset &
wake-up
Controller
RC 8KHz
Watch Dog
IRQ & Event
controller
Crystal 32kHz
Prescaler 2
10 stages
Prescaler 1
15 stages for
RTC
GASP
Debug-on-Chip
ISP
Monitor
2 wire & TM
Timer1,
Timer2
2x8 bit or 16 bit
PWM , Freq Gen
Input capure
Output compare
ADC 10 BIT
8 channels
OPERTIONAL
AMPLIFIER
3 terminals,
PA, PC
8 BITS PORT A
Pull-up, pull-down
Interrupt, Capture
Reset & Wake-up
ADC, VLD, OPA,VREF
Timer start & clock
PWM, Signals
8 BITS PORT B
SPI or soft UART
PWM, signals
GASP interface
POWER
MANAGEMENT
&
SECURITY
MEMORIES
&
CORE
Digital
&
Analog
PERIPHERALS
CLOCK
&
SYSTEM
8 BITS PORT C
Pull-up, pull-down
Interrupt,Capture
ADC, VLD, OPA
Timer start & clock
PWM, Signals
Crystal or
Resonator
4MHz
X1(optional)
RC 2 MHz
RC 15 MHz
32kHz /
4MHz
Sleep
Counter
wake-up
Timer3,
Timer4
2x8 bit or 16 bit
PWM , Freq Gen
Input capure
Output compare
IO’s
RAM
512 Bytes
Fully static
CoolRISC 8-bits
CR816L
16 registers
HW multiplier
ROM-API
Application
subroutines
PA[7:0]
PB[5:0]
PC[7:0]
PB[7:6]
TM
Temp
Sensor
SPI
8 bits
master or
slave
+
DC-DC
VREG
Cvreg
VSUP
Cdcdc
VSS
VSSDC
VSS2
VSUP2
Ldcdc
Power management and security functions
The power managment block assures a proper system start at power up with Power on reset and power check function.
The internal Brownout supervises the CPU and core internal power supply and asserts a reset at undervoltage. The
watchdog function monitors the CPU execution, wheras the VLD can be used to monitor internal or external voltages. Its
results are available to the user to take actions accordingly. The DC-DC upconverter can be switched on by demand.
Memories and CPU Core
This part contains all user program memory (FLASH), the non volatile data memory (mapped into the FLASH memory),
the RAM and the vendor supplied application subroutines (ROM-API) for non volatile memory modifications. An
essential part of this block is also the CR816 microprocessor core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com