Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6819 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
5
www.emmicroelectronic.com
TABLE OF CONTENTS
1.
EM6819 FAMILY
11
2.
SYSTEM OVERVIEW
12
2.1
OPERATING MODES
13
2.1.1
Active mode
13
2.2
LOW POWER MODES
13
2.2.1
Standby mode
13
2.2.2
Sleep mode
14
2.2.3
Sleep Wake-up
14
2.2.4
Power-down mode
15
2.2.5
Operation mode registers
16
2.3
REGISTER TYPES
17
2.4
POWER MANAGEMENT
18
2.4.1
Brownout
18
2.4.2
Powercheck
18
2.4.3
POR
18
2.4.4
Powermanagment Registers
19
2.5
REGISTER MAP
20
2.6
PORT TERMINAL CONNECTION REFERENCE TABLE
28
2.7
TSSOP PACKAGE PINOUT CIRCUIT WITHOUT DC-DC AND S08
29
2.8
TSSOP PACKAGE PINOUT CIRCUIT WITH DC-DC
30
2.9
QFN PACKAGES WITH AND WITHOUT DCDC
31
3.
CPU CORE CR816
32
3.1
PM_MISS FUNCTION (FLASH READ MONITOR)
32
4.
NVM MEMORY
33
4.1
INTRODUCTION
33
4.2
NVM ARCHITECTURE
33
4.3
RAM CACHE
34
4.4
WRITE DATA IN NVM
34
4.4.1
Row and sector selection
34
4.4.2
Fast/slow operation
34
4.4.3
Erase
35
4.4.4
Write
35
4.5
ROW 61 SECTOR 5
36
4.6
ROW 62 SECTOR 5
36
4.6.1
Temperature tolerance
36
4.7
ROW 63 SECTOR 5
37
4.8
READ DATA IN NVM
38
4.9
ROW TO CACHE
38
4.9.1
NVM configuration registers
39
5.
CRC CHECK
40
5.1
CRC CHECK ON PROGRAM AREA
40
5.2
CRC CHECK ON DATA AREA
40
6.
ROM API ROUTINES
41
6.1
BOOT SEQUENCE
41
6.2
SUB-ROUTINES USED FOR APPLICATION
42
7.
RAM
43
8.
RESET CONTROLLER
44
8.1
RESET SOURCES
44
8.2
RESET SIGNALS
44
8.2.1
POR
44
8.2.2
PorLog
44
8.2.3
ResAna
44
8.2.4
ResSys
44
8.2.5
Reset Flags
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com