Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 82 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 82 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 78Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 79Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 80Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 81Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 82Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 83Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 84Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 85Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 86Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
82
www.emmicroelectronic.com
16.3 OUTPUT SIGNALS ON PORT C
Different internal clock frequencies and PWM signals can be outout on all port C terminals. (PA[n] Output data)
•
The selection is done with the registers PC[n]OutSel1,0 . All clock outputs (PR1_x, PR2_x, ck_x) have a 50%
duty cycle.
•
By default the register data PCDOut[n] value is seleted as data output.
•
Data is only output if the corresponding PCOutEn[n] bit is high.
Table 16.3-1 Port C Output signal selection
PC0OutSel1
PC0OutSel0
PC0 Output Data
remarks
0
0
PCDOUT[0]
0
1
Pr2Ck6
125kHz if CK_PR2=2MHz
1
0
Pr2Ck4
31kHz if CK_PR2=2MHz
1
1
Pr2Ck0
2kHz if CK_PR2=2MHz
PC1OutSel1
PC1OutSel0
PC1 Output Data
remarks
0
0
PCDOUT[1]
0
1
PWM4_N
1
0
PWM1_N
1
1
PWM3_N
PC2OutSel1
PC2OutSel0
PC2 Output Data
remarks
0
0
PCDOUT[2]
01
SOUT
1
0
PWM1_N
11
Ck_Lo
PC3OutSel1
PC3OutSel0
PC3 Output Data
remarks
0
0
PCDOUT[3]
01
CK_LO_N
1
0
Pr1Ck11_N
2kHz if CK_PR1=32kHz
1
1
Pr1Ck10_N
1kHz if CK_PR1=32kHz
PC4OutSel1
PC4OutSel0
PC4 Output Data
remarks
0
0
PCDOUT[4]
01
Ck_Hi
1
0
Pr2Ck6
125kHz if CK_PR2=2MHz
1
1
Pr2Ck4
31kHz if CK_PR2=2MHz
PC5OutSel1
PC5OutSel0
PC Output Data
remarks
0
0
PCDOUT[5]
01
CK_8K
1
0
Pr2Ck6
125kHz if CK_PR2=2MHz
1
1
Pr2Ck4
31kHz if CK_PR2=2MHz
PC6OutSel1
PC6OutSel0
PC Output Data
remarks
0
0
PCDOUT[6]
01
SOUT
1
0
PWM1_N
11
Ck_Lo
PC7OutSel1
PC7OutSel0
PC Output Data
remarks
0
0
PCDOUT[7]
01
PWM1
1
0
PWM3_N
1
1
Pr1Ck12
4kHz if CK_PR1=32kHz
Wheras:
•
PWM1 = PWM output of timer 1 (refer to timer section)
•
PWM1_N = inverse PWM output of timer 1
•
Ck_Hi = High frequency base clock (refer to clock selection)
•
Pr1Ck12 = Prescaler 1, ck12 output (refer to prescaler)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com