Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 98 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 98 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 94Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 95Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 96Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 97Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 98Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 99Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 100Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 101Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 102Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
98
www.emmicroelectronic.com
18.1 SCLK - SPI MASTER/ SLAVE MODE AND CLOCK SELECTION
Master and Slave mode as well as master mode clock selection are done in register RegSPICfg1 bits SPIMode. In
Slave mode the serial input clock is coming from PA6, PB2 or PC6 input. The selection depends on SPISelSClk bits in
register RegSPICfg2 and the corresponding port input enable bit must be ‘1’.
SCLK Frequency selection
SCLK Slave mode input selection
SPIMode
SCLK base clock
Input
terminal
Input condition
SPIMode[2:0]
SLAVE Mode SCLK from port inputs
Slave Mode
000
from PA6, PB2 PC6
PA6
SPISelSClk='00'
PA6InpE='1'
000 (slave)
Master mode, Prescaler 2 clocks
PB2
SPISelSClk='01'
PB2InpE='1'
000 (slave)
001
Ck_Hi
PC6
SPISelSClk='10'
PC6InpE='1'
000 (slave)
010
Pr2Ck9
PA6
SPISelSClk='11'
PA6InpE='1'
000 (slave)
011
Pr2Ck8
SCLK Master mode output selection
100
Pr2Ck7
Output
terminal
Output condition
Master mode, Prescaler 1 clocks
Master Mode
101
Ck_Lo
PA6
PA6OutSel[1:0]='01'
PA6OE='1'
110
Pr1Ck13
PB2
PB2OutSel[1:0]='01'
PB2OE='1'
111
Pr1Ck12
PC6
PC6OutSel[1:0]='01'
PC6OE='1'
The used PA, PB and PC IO port terminals must be set up for SPI before SPIStart is set high.
Following table shows the different SCLK clock possibilities RTZ and RTO with the internal shift clock dependencies.
SPIRTO
SPINegEdg SCLK pulse
SCLK IDLE
value
ShiftEdge
Clock
type
Example on SCLK
0
0
High Pulse
High
Pos edge
RTZ
0
1
High Pulse
High
Neg edge
RTZ
1
0
Low pulse
Low
Pos edge
RTO
1
1
Low pulse
Low
Neg edge
RTO
SPIRTO defines a RTZ clock type if set to ‘1’ or RTO clock type if set to ‘0’
SPINegEdg defines the internal shift register shift clock edge, set to ‘1’ shift takes place on the negative SCLK clock
edge. Set to ‘0’, the shift will take on the positive SCLK clock edge. Both bits are placed in register RegSPICfg1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com