Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
10
www.emmicroelectronic.com
Acronyms used in this document
MSB
most significant bit
LSB
least significant bit
CR / CPU/
CoolRisc 816 CPU core
NVM
Non Volatile Memory
ROM
Read Only Memory
RAM
Random Access Memory
API
Application Program Interface
GASP
General Access Serial Port
SW
Software
HW
Hardware
‘1’ / H / high
Determines HIGH value, logical true
‘0’ / L / low
Determines LOW value, logical false
POR
Power on reset
PWRC
Power check
SCWUP
Sleep Counter Wake-up
VLD
Voltage Level Detector
(T)
Tested in the production
(Q)
Validated during qualification
(D)
Guaranteed by the design
Nomenclature
Bit order scheme in this document is [n:0] where bit ‘n’ is the MSB and bit ‘0’ is the LSB, unless otherwise stated.
Positive logic is assumed, High (‘1’) values means asserted or active state and Low (‘0’) value means not asserted or
inactive state, unless otherwise stated.
Register names and register bit names are written in bold typeface.
Signal names are written in italic-bold type face.
API subroutines are written in italic
Naming convention
The XTAL frequency is 32.768 kHz but is this document it is written 32 KHz (k=1000, K=1024).
Related Documents
[1]
CoolRISC 816L 8-bit Microprocessor Core, Hardware und Software Reference Manual V1.1 Mai 2002
[2]
ROM API document



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com