Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 33 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 33 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 37Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
33
www.emmicroelectronic.com
4.
NVM MEMORY
4.1 INTRODUCTION
The circuits Non Volatile Memory (NVM) is used to store the application softwarebut it may also be used to store data
(constants or variables). The same physical memory area is shared between the instruction code and the data’s. The
boundary in this general purpose NMV memory (GPNVM) between the instruction code and the data’s is not fixed in
detail by hardware but given by the linker after compilation.
The data read access in NVM (see chapter “Read data in NVM”) is executed as a simple register access.
The data write access in NVM (see chapter “Write data in NVM”) is not executed with a simple MOVE. It is necessary to
store the data’s in an intermediate memory called RAM cache and to execute an API sub-routine in the ROM.
NVM data read access needs 2 CPU cycles, 1
st the read instruction followed with an NVM data access. During the date
access phase the CPU is in a wait state. The CR816 instruction is a 22 bits wide bus. When the CPU reads the NVM
through the data’s bus, 22 bits are read but only 2 bytes (16-bits) are accessed (the other 6 bits are used for
verification).
Note:
If the additional 6 bits are not equal to 0x3F, the read access to the previous read pair of bytes is denied. The system
interprets this access as a forbidden access to the program memory area (code protection feature)
Instruction read by CPU is straight foreward; all instruction read take 1 CPU cycle.
4.2 NVM ARCHITECTURE
The NVM is divided in 6 sectors, each sector is devided in 64 rows and each row contains either 16 instructions or 32
data bytes. A single row shall not share instructions and data bytes. From the CPU data bus interface point of view, the
NVM is mapped from address 0x4000 to 0x6FFF as shown in the following diagram.
Figure 3, NVM architecture
Note:
The row 63 and 62 of sector 5 is reserved for trimming word and unique ID code. Write access in this row is denied.
The row 61 of sector 5 is used for NVM memory dump and external read/write access protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com