Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 80 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 80 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 76Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 77Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 78Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 79Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 80Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 81Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 82Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 83Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 84Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
80
www.emmicroelectronic.com
16.
PORT C
The port C is general purpose 8-bit input output port. Each of the 8 Port C terminals can be configured to receive either
Analog or digital Input or drive out analog or digital data.
16.1 PORT C TERMINAL MAPPING
Several digital and analog functions are mapped on the port C terminals. Please refer also to the concerned chapters.
Table 16.1-1 Port C terminal mapping
Name
IRQ
ADC
Reset &
WkUp
VREF
VLD
OPAMP
SPI
CLOCK
Timer
clock
Timer
start
PWM
FrqOut
high
drive
PC0
PCIRQ0 ADC1
sig
PC1
PCIRQ1 ADC3
VLD
OPA_Out
t2ck1_in start3_in
sig
PC2
PAIRQ2 ADC5
OPA_INM SOUT
sig
PC3
PCIRQ3 ADC7
OPA_INP
t4ck1_in start6_in
sig
HD
PC4
PCIRQ4
XOUT
ExtCk
sig
PC5
PCIRQ5
VLD
sig
HD
PC6
PCIRQ6
VLD
SCLK
t1ck1_in start7_in
sig
HD
PC7
PCIRQ7
t3ck1_in
sig
16.2 PORT C IO OPERATION
All IO modes are individually selectable for each port C terminal. Refer to table below.
Table 16.2-1 Port C IO selections
Modes
Notes
Analog signal connection (in out)
0
X
X
0
0
0
High-Z
0
X
X
1
X
0
RLoad to VDD
Analog signal connection (in out)
with weak load to VDD or VSS
0
X
X
0
1
0
RLoad to VSS
Digital input is blocked, Analog
functions can be connected
CPU reads ‘0’
Input mode
0
X
X
0
0
1
High-Z
Digital input, no-pull,
needs external driver
Input mode with pull-up
0
X
X
1
X
1
Weak Hi
Digital input with pullup
Input mode with pull-down
0
X
X
0
1
1
Weak Lo
Digital input with pulldown
Output, CMOS high level drive
1
1
0
X
X
X
1
Pull resistors disabled
Output, CMOS low level drive
1
0
0
X
X
X
0
Pull resistors disabled
Output, open drain, high-Z
1
1
1
0
X
X
High-Z
Pull-down disabled,
Usually ext Resistor pull-up
Output, open drain with pull-up
1
1
1
1
X
X
Weak Hi
Pull-up active
Output, open drain drive low
1
0
1
X
X
X
0
Pull-up disabled
Note: on all bit of port C debouncers are enable by default after reset,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com