Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 44 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 44 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 48Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
44
www.emmicroelectronic.com
8.
RESET CONTROLLER
The reset controller collects all different reset sources and initializes the needed peripheral registers. Refer to the
individual peripheral register mapping tables to see which reset is initializing a specific register.
Some of the reset sources are maskable to prevent undesired system reinitialization.
After any reset the circuit will perform a power check and go to active mode. Then the reset status bits can be read to
identify the reset source.
8.1 RESET SOURCES
Possible reset source signals are:
POR
Power on reset, non-maskable
The fully internal POR cell will initialize the full circuit at power-up or if the supply voltge falls below
VPOR voltage.
PwrDown
Power-Down mode
In power down all internal registers are initialized, the pad configuration however may be locked to the
last good state by setting LckPwrCfg=1 prior to Power-Down mode.
ResPA
User defined Port A terminal reset function, maskable.
Any port A terminal may trigger reset.
ResWD
Watchdog timer reaching 0, maskable.
Logic watchdog reset running on the internal 8kHz Oscillator.
ResBO
Brown out reset at low regulated voltage, maskable.
ResBE
CoolRISC bus error when trying to access non-valid instruction space, non-maskable.
ResGASP
Entering Gasp modes (ISP, DoC), non-maskable.
This reset initializes the circuit prior to programming or degugging.
8.2 RESET SIGNALS
A combination of the above mentioned reset sources is used to initialize the different peripheral registers. These reset
signals are POR, PorLog, ResAna, ResSys.
8.2.1
POR
A small logic remains active even in Power-Down mode to allow wake-up. This logic is initialized by POR signal. In the
user data memory space this concerns the bit LckPwrCfg.
8.2.2
PORLOG
PorLog signal will reinitialize all reset flags and all pullup/pulldown configuration bits
PorLog = Por OR PwrDown (logical OR combination)
8.2.3
RESANA
ResAna signal will initialize all reset enable bits, the port A input and output enable bits, the port A debouncer selection
bits, all trim bits and the analog configuration settings for the DC-DC and Opamp.
ResAna = Por OR PwrDown OR ResWD OR ResBE (logical OR combination)
8.2.4
RESSYS
ResSys signal initializes all remaining data memory registers, except the RAM which needs to be initialized by the user
software if needed.
ResSys = Por OR PwrDown OR ResWD OR ResBE OR ResPA OR ResGasp OR ResBO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com