Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 97 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 97 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 93Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 94Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 95Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 96Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 97Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 98Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 99Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 100Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 101Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
97
www.emmicroelectronic.com
18.
SPI – SERIAL INTERFACE
The circuit contains a synchronous 3-wire (SDI, SDOUT and SCLK) master and slave serial interface. Its ports are
mapped on different PA, PB and PC IO terminals.
•
SCLK:
Serial Clock Input/ Output:
Input in Slave mode, Output in Master mode
•
SDIN:
Serial Interface Data Input.
Input in Master and Slave mode
•
SDOUT:
Serial Interface Data Output.
Output in Master and Slave mode
The serial interface always transmits or receives 8-bit packages at a time, followed by an interrupt request allowing the
CPU to treat the data.
An Interrupt IntSPIStart is generated at transmission start and an IntSPIStop at the end of the transmission.
An Event EvtSPI is generated at transmission start and at the end of the transmission.
The interface may also be used to generate a fix datastream output by using the Auto-Start mode.
The internal shift register clock edge is user selectable; the interface may run on RTZ (Return To Zero) or RTO (Return
to One) type of clocks
The full SPI setup shall be configured before enabling the SPI (SPIEn=’1’). Once enabled the configuration must not be
changes anymore.
While SPIEn is ‘0’, SPIStart is reset. SPIEn must be written ‘1’ before SPIStart is set.
The transmission may start as soon as SPIStart is set ‘1’. Always make first full SPI setup and only at the end set the
bit SPIStart to ‘1’ to begin the data exchange.
The register RegSPIDOut and RegSPIDIn act as a buffer for outgoing and incoming data. The RegSPIDOut must be
written before the transmission starts. The RegSPIDIn will be updated after the 8
th active clock with the actual received
input data.
The transmission direction is configurable with bit SPIMSB1st. Set to ‘1’ the first transmission bit is the MSB bit , if set
‘0’ then it is the LSB bit.
Figure 24, Serial Interface Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com