Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6819 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
3
www.emmicroelectronic.com
Pin Name
Software selectable functions
Remarks
PA0
Input with pullup/pulldown, IRQ capability, CPU read, wake-up, timer1 ext clock.
Output of CPU write and a selection of internal clock and PWM signals.
Analog input for ADC.
PA1
Input with pullup/pulldown, IRQ capability, CPU read, wake-up, timer2 ext clock.
Output of CPU write, selection of internal clock and PWM signals .
Analog: input for ADC and VLD; Output for OPAMP.
PA2
Input with pullup/pulldown, IRQ capability, CPU read, wake-up, serial data input, timer3 ext clock.
Output of CPU write, serial data out and selection of internal clock and PWM signals
Analog: input for ADC,VLD and Opamp;
PA3
Input with pullup/pulldown, IRQ capability, CPU read, wake-up, serial data input, timer4 ext clock.
Output of CPU write, serial data out and selection of internal clock and PWM signals
Analog: input for ADC,VLD and Opamp;
PA4
Input with pullup/pulldown, IRQ capability, CPU read, wake-up, serial data.
Output of CPU write and a selection of internal clock and PWM signals.
Analog: XTAL/Resonator connection.
PA5
Input with pullup/pulldown, IRQ capability, CPU read, wake-up.
Output of CPU write and a selection of internal clock and PWM signals.
PA6
Input with pullup/pulldown, IRQ capability, CPU read, wake-up, serial clock..
Output of CPU write, serial clock and a selection of internal clock and PWM signals.
Analog: input for VLD ; Output for VBGP
PA7
Input with pullup/pulldown, IRQ capability, CPU read, wake-up, serial clock..
Output of CPU write, serial data and a selection of internal clock and PWM signals.
Analog: input for VLD ; Output for internal reference voltage
PB0
Input with pullup/pulldown, CPU read, serial data.
Output of CPU write and a selection of internal clock and PWM signals.
PB1
Input with pullup/pulldown, CPU read.
Output of CPU write and a selection of internal clock and PWM signals.
PB2
Input with pullup/pulldown, CPU read, serial clock.
Output of CPU write, serial clock and a selection of internal clock and PWM signals.
PB3
Input with pullup/pulldown, CPU read.
Output of CPU write and a selection of internal clock and PWM signals.
PB4
Input with pullup/pulldown, CPU read.
Output of CPU write, serial data and a selection of internal clock and PWM signals.
PB5
Input with pullup/pulldown, CPU read.
Output of CPU write and a selection of internal clock and PWM signals.
PB6
Input with pullup/pulldown, CPU read.
Output of CPU write and a selection of internal clock and PWM signals.
GASP clock
PB7
Input with pullup/pulldown, CPU read.
Output of CPU write and a selection of internal clock and PWM signals.
GASP data
PC0
Input with pullup/pulldown, IRQ capability, CPU read, timer1 ext clock.
Output of CPU write and a selection of internal clock and PWM signals.
Analog input for ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com