Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
13
www.emmicroelectronic.com
Clock selection, clock switching and system pheripherals
This block takes care of all internal and external clock sources. It synchronizes the clocks where needed and assures
that the system can not hang-up due to faulty clock switching (i.e avoids switching to a non-present clock source). This
block is also an essential part of the low power architecture by minimizing the total energy consumption by keeping the
active clocking nodes to a strict minimum.
Digital and Analog internal peripherals
This part contains all the user peripherals such as timer, SPI, ADC, etc … These peripherals are user configurable and
fully adjustable to the user application.
Communication interfaces via the IO pads
Here are all the external communication channels grouped. All communication goes through at least 1 of the max 24
IO’s. Several internal functions such as, serial interface, PWM, freq outputs, etc. are mapped to the IO’s.
2.1 OPERATING MODES
The circuit has 4 distinctive operations modes wheras Standby, Sleep and Power-Down mode are specific low power
modes
Active
CPU running all functions may be used
StandBy
CPU in Standby not clocked. Peripheral functions may be running
Sleep
CPU in Standby not clocked. Peripherals stopped except for specifically enabled functions
Power-Down
CPU and peripheral functions in reset. No Clocks. Pad configuration maintained.
2.1.1
ACTIVE MODE
The active mode is the default mode after any system reset. In this mode all peripherals are powered and ready to be
used. All Low power modes are initiated from the actice mode by executing the HALT instruction.
If using an external high frequency clock input and the derived CPU clock is higher 6MHz the user shall set the bit
FrcFastRead which acts as a booster for the Flash reading. For all internal clock selection the boosting is done
automatically.
2.2 LOW POWER MODES
The Low power modes are enabled by the CPU HALT instruction execution. The resulting Low power mode selection
then depends on the SelPwrDwn and SelSleep bit settings, both are located in the system register RegSysCfg1.
Mode
HALT Instruction
RegSysCfg1.SelSleep
RegSysCfg1.SelPwrDwn
Active
No
X
X
StandBy
Yes
0
0
Sleep
Yes
1
0
Power-Down
Yes
X
1
2.2.1
STANDBY MODE
This mode is activated by HALT instruction if SelPwrDwn=’0’ and SelSleep=’0’.
The active clock oscillator for the CPU clock source as selected by SelCkCR will be disabled in StandBy mode if it is not
used by other block/peripheral or it’s not forced-on. The Flash memory is disabled to save power.
If fast wake-up is needed the user can choose to leave the Flash memory enabled in StandBy mode by setting the bit
StdByFastWkUp in register RegSysCfg1 to ‘1’.
Resume from standby mode and going back to active mode with an Event, an Interrupt or a system reset.
Wake-up time from Standby mode is 1.5us if StdByFastWkUp =’1’ and CPU is on 15 MHz with the 15 MHz RC
oscillator forced on.
Wake-up time from Standby mode is 10us if StdByFastWkUp =’1’ and CPU is on 2 MHz with the 2 MHz RC oscillator
forced on.
Wake-up time from Standby mode is 150us if StdByFastWkUp =’0’ and CPU is on 2 MHz with the 2 MHz RC oscillator
forced on.
Wake-up delay is measured from the time of the wake-up event until the result of the first CPU instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com