Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 32 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 32 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 36Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
32
www.emmicroelectronic.com
3.
CPU CORE CR816
The full detail of the used CoolRISC 816L core is described in [1].
A brief overview of its highlights is given
below.
8-bits RISC register-memory
processor based on a Harvard
architecture
3 stage pipeline (no delay slots or
branch delays)
176 Kbytes max Program Memory
size (64 KInstruction, 22 bit wide)
64 Kbytes max Data Memory size
(organized in 256 x 256 Kbytes
pages)
8 max hardware subroutines and
unlimited software subroutines
8 bit x 8 bit hardware multiplier
5 addressing modes
o
direct addressing
o
indexed addressing with
immediate offset
o
indexed addressing with
register offset
o
indexed addressing with post-
incrementation of the offset
o
indexed addressing with pre-
decrementaion of the offset
16 CPU internal registers (Accu,
general purpose, Index, offset, status)
The Instruction Set is composed of
Branch Instructions
Transfer Instructions
Arithmetic and Logical Instructions
Special Instructions
Unlike
most
RISC
processors,
the
CR816L
provides
instructions
which
can
perform
arithmetic
and
logical
operations with operands stored either in the data memory or
in internal registers.
Similarly to classic 8-bit processors, the CR816L architecture
provides an accumulator located at the ALU output that stores
the last ALU result.
All arithmetic operations support both signed and unsigned
operations.
3.1 PM_MISS FUNCTION (FLASH READ MONITOR)
In extreme conditons (very low temperature and ck_hi > 15MHz) the NVM time access could be longer than a CPU
cycle. In this case a pm_miss is generated, meaning that the CPU will automatically wait an additional cycle before to
fetch the current instruction read in the NVM. Doing so, it guaranttees that the system never fails even if the CPU is
running faster than the NVM. Interrupt of priority 0 Int0StsPmMiss is generated on each pm_miss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com