Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 46 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 46 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 50Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
46
www.emmicroelectronic.com
9.
OSCILLATOR AND CLOCKING STRUCTURE
The circuit contains
•
3 independent fully internal RC osillcators,
•
15Mhz factory pretrimmed
•
2Mhz factory pretrimmed
•
8kHz
•
Either one of these external clock sources
o
32 KHz watch crystal oscillator (Crystal extern). Mapped on terminals PA4, PC4.
o
4 MHz Crystal or Resonator oscillator (Crystal or Resonator extern). Mapped on terminals PA4, PC4.
o
External high or Low frequency clock input. Mapped on terminal PC4.
The oscillator source can be changed on the fly to always use the appropriate oscillator and clock setting according to
the desired speed for i.e high speed calculation or low speed controlling, and hence optimise the power consumption.
The circuit will always start-up on the 2MHz RC Oscillator.
All circuit internal clocks are derived from the above mentioned oscillators. These clock sources may be predivided
locally for optimum speed and power.
Figure 5; oscillator and clock selection architecture
PC4/OscOut
RC_15M
RC_2M
LF
HF
Ck_Ext
Ck_Reson
Ck_Xtal32
Ck_15M
Ck_2M
RC_8k
Ck_8k
PA4/OscIn
Ck_Hi
Ck_Lo
Ck_CR
Ck_Pr2
Ck_Pr1
/4
RTC, Debouncer,Timer,
SPI, IRQ, FreqOut
CoolRISC
Timer, SPI, Debouncer
FreqOut
Prescaler2
10 stages
CR816
Prescaler1
15 stages
Pr1Ck[15:0]
Pr2Ck[10:0]
Watchdog
/1/2/4/8
/1/2/4/8
/1/2/4/8
/16/32/64
/1/2/4/8
SelCkExt[1:0]
SelCkHi[1:0]
SelCkLo[1:0]
SelCkCR[3:0]
SelCkPR2[2:0]
SelCkPR1[2:0]
Oscillators and Clock selection
Resonator, 32kHz Crystal
Ext Clock
Hi-Freq
trimmed
RC
Oscillators
Lo-Freq
RC
Oscillator
/1/2/4/8
/16/32/64
10 bit ADC
Clock source for
Clock source for
Ck_ADC
SCWakeUp
Ck_PC4
Clock
Synchro
switch
CkSwSelLo
CkSwStsLo
CkSwSelX
CkSwStsX
CkSwSelHi
CkSwStsHi
ReqCkHi/Lo
ReqCkHi/Lo
ReqCkHi/Lo
The RC15Mhz Ck_15M and RC_2Mhz Ck_2M oscillators are factory pretrimmed, the RC_8kHz Ck_8k oscillator is the
only clock source for the watchdog and the sleep counter reset function, but can also be used as a very low system
clock. The RC_8kHz low frequency oscillator is not trimmed.
On the PA4 and PC4 an external 32 KHz Crystal Ck_Xtal or 4MHz Resonator/Crystal Ck_Reson oscillator can be
connected or one may have an external clock input Ck_PC4 on PC4. The selected output clock signal is Ck_Ext.
The Ck_Hi clock signal can come from the 15MHz RC, 2MHz RC, 4MHz Resontor/Crystal or the external high
frequency clock input on PC4.
The Ck_Lo clock signal can come from the 32 KHz Crystal oscillator, divided 32 KHz, 8 kHz RC or the low frequency
external clock on PC4; it is synchronized with the high frequency clock Ck_Hi if present. Ck_Lo clock synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com