Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 45 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 45 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 49Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
45
www.emmicroelectronic.com
8.2.5
RESET FLAGS
All reset flags are in the Reset flag register: RegResFlg and placed as follows
The ResFlgPA bit is asserted by reset from PortA.
The ResFlgWD bit is asserted by reset from Watchdog.
The ResFlgBO bit is asserted by reset from Brownout.
The ResFlgGasp bit is asserted by reset from GASP.
The ResFlgBE bit is asserted by reset from CoolRisc Bus-error detection.
Note:
To detect the Reset from Power-Down, the SW shall read the status of LckPwrCfg.
8.3 RESET REGISTERS
0x0000
RegSysCfg1
System Configuration - 1
Bits
Name
Type
ResVal
ResSrc
Description
7
SelSleep
RW
0
ResSys
Select Sleep mode on Halt
6
SelPwrDwn
RW
0
ResSys
Select Power-Down mode on Halt
4
EnBrownOut
RW
1
ResAna
Enable Brown Out
3:2
XtalCldStart
RW
'00'
ResSys
Select Xtal Osc. ColdStart length
1
StdByFastWkUp
RW
0
ResSys
Stand-by mode fast Wakeup
0
VSUPLow
RO
0
VSUP is Low - Tripler activated
0x0001
RegEnResPA
Enable Reset by PortA bits
Bits
Name
Type
ResVal
ResSrc
Description
7:0
EnResPA
RW
0x00
ResAna
Enable Reset by PortA bits
0x0006
RegResFlg
Reset Flags
Bits
Name
Type
ResVal
ResSrc
Description
7
ResFlgPA
ResFlg
0
PorLog
Flag Reset from Port-A
6
ResFlgWD
ResFlg
0
PorLog
Flag Reset from WatchDog
5
ResFlgBO
ResFlg
0
PorLog
Flag Reset from Brown-Out
4
ResFlgGasp
ResFlg
0
PorLog
Flag Reset from GASP
3
ResFlgBE
ResFlg
0
PorLog
Flag Reset from CoolRISC Bus-Error
0
LckPwrCfg
RW
0
Por
Lock configurations to be kept in Power-Down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com