Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
7
www.emmicroelectronic.com
15.2.1
Gasp communication on PB7, PB6
77
15.3
OUTPUT SIGNALS ON PORT B
78
15.4
PORT B REGISTERS
79
16. PORT C
80
16.1
PORT C TERMINAL MAPPING
80
16.2
PORT C IO OPERATION
80
16.3
OUTPUT SIGNALS ON PORT C
82
16.4
PORT C DEBOUNCER
83
16.5
PORT C INTERRUPT GENERATION
83
16.5.1
PC Irq in Active and Standby mode
83
16.5.2
PC Irq in Sleep Mode
83
16.6
PORT C REGISTERS
84
17. TIMERS
86
17.1
TIMER CHAINING
86
17.2
TIMER CLOCK SOURCES
87
17.3
TIMER START
88
17.3.1
Software start - Stop
88
17.3.2
Hardware Start – Stop (period counting)
88
17.3.3
Hardware Start – Stop (puls counting)
88
17.4
AUTO-RELOAD MODE
89
17.5
AUTO-STOP MODE
89
17.6
TIMER INPUT CAPTURE
90
17.7
OUTPUT COMPARE
91
17.8
OUTPUT COMPARE - PWMX SIGNAL PORT MAPPING
92
17.9
TIMER INTERRUPTS
93
17.10 TIMER REGISTERS
93
18. SPI – SERIAL INTERFACE
97
18.1
SCLK - SPI MASTER/ SLAVE MODE AND CLOCK SELECTION
98
18.2
SIN PORT MAPPING
99
18.3
SOUT PORT MAPPING
99
18.4
SPI START – STOP
99
18.5
AUTO-START
99
18.6
RTZ POSITIVE EDGE TRANSMISSION
100
18.7
RTO POSITIVE EDGE TRANSMISSION
100
18.8
RTZ NEGATIVE EDGE TRANSMISSION
100
18.9
RTO NEGATIVE EDGE TRANSMISSION
101
18.10 SPI REGISTERS
101
19. WATCHDOG
102
19.1
WATCHDOG CLEAR
102
19.2
WATCHDOG DISABLING
102
19.3
WATCHDOG REGISTERS
103
20. SLEEP COUNTER WAKE-UP
104
20.1
SC WAKE-UP ENABLING
104
20.2
SC WAKE-UP DISABLING
104
20.3
SC WAKE-UP REGISTERS
105
21. 10-BITS ADC
106
21.1
CONDITIONER
106
21.1.1
Range selection
106
21.1.2
Reference selection
107
21.1.3
Analog input selection
108
21.2
ADC OFFSET TRIM SELECTION
108
21.2.1
Running mode
109
21.2.2
ADC enabling
109
21.2.3
ADC sampling rate
110
21.2.4
Low noise mode
110
21.2.5
8bit ADC selection
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com