Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6819 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
1
www.emmicroelectronic.com
Sub-1V (0.6V) 8bit Flash MCU
DC-DC Converter, E
2PROM
Description
The EM6819 is designed to be battery operated for
extended lifetime applications. Its large voltage range from
3.6V down to 0.9V makes it a perfect match for today’s
demanding
applications.
Brownout
and
powercheck
functions ensure reliable operation at or near undervoltage
conditions, offering greater reliability in complex operation
modes. Each of the 24 I/Os are freely programmable and
the microcontroller has a dual quartz and trimmable RC
oscillator up to 15MHz. It has an 8-bit RISC architecture
specially designed for very low power consumption. With 2
clocks per instruction, the EM6819 executes up to 7.5
MIPS
at
15MHz
and
achieves
astonishing
4000
MIPS/Watt.
Features
Wide supply voltage range 0.9 V – 3.6 V
Runs down to 0.6V with enabled DCDC and still 10mA
load current
True low current: typ 140uA at 3V, 1 MIPS
Up to 7.5 MIPS at 15MHz
DC-DC converter using just external coil and capacitor
On-chip brownout detection
PowerCheck functions at start-up
32 Voltage Level Detection on Supply or Input pin
3 terminal Operational Amplifier / Comparator
ADC 10-bit, 8 channel
Temperature sensor
Voltage reference input/output
Fast wake-up
Up to 24 fully configurable I/Os
Flash read monitoring system
lowest voltages
Dual clock mode, quartz and RC oscillators:
o
2 MHz – 15MHz RC, pre-trimmed
o
Low freq RC Oscillator (8kHz)
o
32768 Hz Xtal, 4MHz Resonator/Xtal, Ext Clock
8-bit CoolRISC architecture
o
16 registers
o
8*8bit hardware multiplier
Power-On-Reset and watchdog
GPNVM Memory
o
Sharing Instruction code and data
Fully static 512 Byte RAM
Internal and external interrupts
Frequency generator
4 independent PWM outputs
8/16-bit timers
Prescaler for RC and XTAL
SPI interface
Small size, Green mold / lead-free packages
Tools & Services
On chip debug system in the application
ISP (In-system) programming
C-compiler
Windows-based software programs
Programmer from different vendors
Dedicated team of engineers for outstanding support
Architecture
Power Supply
0.9 – 3.6V
DC-DC Up-Converter
2.1V, 2.5V, 2.9V, 3.3V
Voltage Regulator
Power On
Reset
BrownOut
&
Power Check
Voltage Level
Detector
32 – levels
VSUP, PA, PC
GPNVM (FLASH)
16.9 kByte
Data
Instruction
Memory
Memory
Max 12 kB
Max 6 kInstr
Reset &
wake-up
Controller
RC 8KHz
Watch Dog
IRQ & Event
controller
Crystal 32kHz
Prescaler 2
10 stages
Prescaler 1
15 stages for
RTC
GASP
Debug-on-Chip
ISP
Monitor
2 wire & TM
Timer1,
Timer2
2x8 bit or 16 bit
PWM , Freq Gen
Input capure
Output compare
ADC 10 BIT
8 channels
OPERTIONAL
AMPLIFIER
3 terminals,
PA, PC
8 BITS PORT A
Pull-up, pull-down
Interrupt, Capture
Reset & Wake-up
ADC, VLD, OPA,VREF
Timer start & clock
PWM, Signals
8 BITS PORT B
SPI or soft UART
PWM, signals
GASP interface
POWER
MANAGEMENT
&
SECURITY
MEMORIES
&
CORE
Digital
&
Analog
PERIPHERALS
CLOCK
&
SYSTEM
8 BITS PORT C
Pull-up, pull-down
Interrupt,Capture
ADC, VLD, OPA
Timer start & clock
PWM, Signals
Crystal or
Resonator
4MHz
X1(optional)
RC 2 MHz
RC 15 MHz
32kHz /
4MHz
Sleep
Counter
wake-up
Timer3,
Timer4
2x8 bit or 16 bit
PWM , Freq Gen
Input capure
Output compare
IO’s
RAM
512 Bytes
Fully static
CoolRISC 8-bits
CR816L
16 registers
HW multiplier
ROM-API
Application
subroutines
PA[7:0]
PB[5:0]
PC[7:0]
PB[7:6]
TM
Temp
Sensor
SPI
8 bits
master or
slave
+
DC-DC
VREG
Cvreg
VSUP
Cdcdc
VSS
VSSDC
VSS2
VSUP2
Ldcdc
Pinout (sample)
Others include SO8, TSSOP16/20/28, QFN20/32
32
31
30
29
28
27
26
25
2
1
9
10
11
12
13
14
15
16
PB7
PA0
PC0
PA1
PC1
PA2
PC2
PA3
DCDC
VSUP2
VSUP
PB1
PB0
PC7
PA7
PA6
4
3
6
5
8
7
23
24
21
22
19
20
17
18
32 Lead QFN
5x5mm body
EM6819
DCDC
Typical Applications
Metering
Safety and Security devices
Heat Cost Allocation
Sensor Interfaces, Smoke detector
Security
Body care
Sports
Computer peripherals, Bluetooth chipset
Wireless
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6819

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6819 EMMICRO-EM6819 Datasheet
383Kb / 2P
Tool Kit for EM6819 Family
EM6819 EMMICRO-EM6819_14 Datasheet
383Kb / 2P
Tool Kit for EM6819 Family
More results

Similar Description - EM6819

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16901 NEC-UPD16901 Datasheet
57Kb / 12P
FLASH MEMORY VOLTAGE STEPUP DC/DC CONVERTER IC
logo
Linear Technology
LT1309 LINER-LT1309 Datasheet
236Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
logo
Holtek Semiconductor In...
HT68F03M HOLTEK-HT68F03M Datasheet
125Kb / 13P
1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
HT45FM03B HOLTEK-HT45FM03B_10 Datasheet
642Kb / 83P
Brushless DC Motor Flash Type 8-Bit MCU
HT66FM5230 HOLTEK-HT66FM5230 Datasheet
5Mb / 176P
Brushless DC Motor Flash Type 8-Bit MCU
May 13, 2013
logo
Linear Technology
LT1309 LINER-LT1309_15 Datasheet
330Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
logo
Holtek Semiconductor In...
HT45FM30 HOLTEK-HT45FM30 Datasheet
6Mb / 188P
Brushless DC Motor Flash MCU
December 16, 2016
HT66FM5242 HOLTEK-HT66FM5242 Datasheet
6Mb / 169P
Brushless DC Motor Flash MCU
January 11, 2017
HT66FM5240 HOLTEK-HT66FM5240 Datasheet
6Mb / 190P
Brushless DC Motor Flash MCU
HT66FM5440 HOLTEK-HT66FM5440 Datasheet
7Mb / 218P
Brushless DC Motor A/D Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com